công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3002 bảng dữ liệu(PDF) 120 Page - Renesas Technology Corp

tên linh kiện H8/3002
Giải thích chi tiết về linh kiện  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 bảng dữ liệu(HTML) 120 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 116Page - Renesas Technology Corp H8/3002 Datasheet HTML 117Page - Renesas Technology Corp H8/3002 Datasheet HTML 118Page - Renesas Technology Corp H8/3002 Datasheet HTML 119Page - Renesas Technology Corp H8/3002 Datasheet HTML 120Page - Renesas Technology Corp H8/3002 Datasheet HTML 121Page - Renesas Technology Corp H8/3002 Datasheet HTML 122Page - Renesas Technology Corp H8/3002 Datasheet HTML 123Page - Renesas Technology Corp H8/3002 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 700 page
background image
6.1.3 Input/Output Pins
Table 6-1 summarizes the bus controller’s input/output pins.
Table 6-1 Bus Controller Pins
Name
Abbreviation
I/O
Function
Chip select 0 to 3
CS0 to CS3
Output
Strobe signals selecting areas 0 to 3
Address strobe
AS
Output
Strobe signal indicating valid address output on the
address bus
Read
RD
Output
Strobe signal indicating reading from the external
address space
High write
HWR
Output
Strobe signal indicating writing to the external
address space, with valid data on the upper data
bus (D15 to D8)
Low write
LWR
Output
Strobe signal indicating writing to the external
address space, with valid data on the lower data
bus (D7 to D0)
Wait
WAIT
Input
Wait request signal for access to external three-
state-access areas
Bus request
BREQ
Input
Request signal for releasing the bus to an external
device
Bus acknowledge
BACK
Output
Acknowledge signal indicating the bus is released
to an external device
6.1.4 Register Configuration
Table 6-2 summarizes the bus controller’s registers.
Table 6-2 Bus Controller Registers
Initial Value
Address*
Name
R/W
Modes 1 & 3 Modes 2 & 4
H'FFEC
Bus width control register
ABWCR
R/W
H'FF
H'00
H'FFED
Access state control register
ASTCR
R/W
H'FF
H'FF
H'FFEE
Wait control register
WCR
R/W
H'F3
H'F3
H'FFEF
Wait state controller enable register
WCER
R/W
H'FF
H'FF
H'FFF3
Bus release control register
BRCR
R/W
H'FE
H'FE
Note: * Lower 16 bits of the address.
Abbrevi-
ation
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com