công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3002 bảng dữ liệu(PDF) 433 Page - Renesas Technology Corp

tên linh kiện H8/3002
Giải thích chi tiết về linh kiện  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 bảng dữ liệu(HTML) 433 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 429Page - Renesas Technology Corp H8/3002 Datasheet HTML 430Page - Renesas Technology Corp H8/3002 Datasheet HTML 431Page - Renesas Technology Corp H8/3002 Datasheet HTML 432Page - Renesas Technology Corp H8/3002 Datasheet HTML 433Page - Renesas Technology Corp H8/3002 Datasheet HTML 434Page - Renesas Technology Corp H8/3002 Datasheet HTML 435Page - Renesas Technology Corp H8/3002 Datasheet HTML 436Page - Renesas Technology Corp H8/3002 Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 700 page
background image
Section 13 Serial Communication Interface
13.1 Overview
The H8/3002 has a serial communication interface (SCI) with two independent channels. Both
channels are functionally identical. The SCI can communicate in asynchronous mode or
synchronous mode, and has a multiprocessor communication function for serial communication
among two or more processors.
13.1.1 Features
SCI features are listed below.
•
Selection of asynchronous or synchronous mode for serial communication
a.
Asynchronous mode
Serial data communication is synchronized one character at a time. The SCI can communicate
with a universal asynchronous receiver/transmitter (UART), asynchronous communication
interface adapter (ACIA), or other chip that employs standard asynchronous serial
communication. It can also communicate with two or more other processors using the
multiprocessor communication function. There are twelve selectable serial data
communication formats.
— Data length:
7 or 8 bits
— Stop bit length:
1 or 2 bits
— Parity bit:
even, odd, or none
— Multiprocessor bit:
1 or 0
— Receive error detection: parity, overrun, and framing errors
— Break detection:
by reading the RxD level directly when a framing error occurs
b.
Synchronous mode
Serial data communication is synchronized with a clock signal. The SCI can communicate
with other chips having a synchronous communication function. There is one serial data
communication format.
— Data length:
8 bits
— Receive error detection: overrun errors
419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com