công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3002 bảng dữ liệu(PDF) 415 Page - Renesas Technology Corp

tên linh kiện H8/3002
Giải thích chi tiết về linh kiện  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 bảng dữ liệu(HTML) 415 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 411Page - Renesas Technology Corp H8/3002 Datasheet HTML 412Page - Renesas Technology Corp H8/3002 Datasheet HTML 413Page - Renesas Technology Corp H8/3002 Datasheet HTML 414Page - Renesas Technology Corp H8/3002 Datasheet HTML 415Page - Renesas Technology Corp H8/3002 Datasheet HTML 416Page - Renesas Technology Corp H8/3002 Datasheet HTML 417Page - Renesas Technology Corp H8/3002 Datasheet HTML 418Page - Renesas Technology Corp H8/3002 Datasheet HTML 419Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 700 page
background image
11.4 Usage Notes
11.4.1 Operation of TPC Output Pins
TP0 to TP15 are multiplexed with ITU, DMAC, address bus, and other pin functions. When ITU,
DMAC, or address output is enabled, the corresponding pins cannot be used for TPC output. The
data transfer from NDR bits to DR bits takes place, however, regardless of the usage of the pin.
Pin functions should be changed only under conditions in which the output trigger event will not
occur.
11.4.2 Note on Non-Overlapping Output
During non-overlapping operation, the transfer of NDR bit values to DR bits takes place as
follows.
1.
NDR bits are always transferred to DR bits at compare match A.
2.
At compare match B, NDR bits are transferred only if their value is 0. Bits are not transferred
if their value is 1.
Figure 11-9 illustrates the non-overlapping TPC output operation.
Figure 11-9 Non-Overlapping TPC Output
DDR
NDER
QQ
TPC output pin
DR
NDR
C
QD
QD
Compare match A
Compare match B
Internal
data bus
401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com