| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSRTR bảng dữ liệu(PDF) 167 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSRTR bảng dữ liệu(HTML) 167 Page - STMicroelectronics |
|
167 / 168 page ![]() List of figures Figure 1. Generic state machine............................................................... 5 Figure 2. State machine in the LSM6DSR ........................................................ 5 Figure 3. Pin connections ................................................................... 6 Figure 4. LSM6DSR connection modes .......................................................... 7 Figure 5. SPI slave timing diagram (in mode 3) ................................................... 12 Figure 6. I²C slave timing diagram ............................................................ 13 Figure 7. Read and write protocol (in mode 3) .................................................... 19 Figure 8. SPI read protocol (in mode 3) ......................................................... 20 Figure 9. Multiple byte SPI read protocol (2-byte example) (in mode 3) ................................... 20 Figure 10. SPI write protocol (in mode 3)......................................................... 21 Figure 11. Multiple byte SPI write protocol (2-byte example) (in mode 3) ................................... 21 Figure 12. SPI read protocol in 3-wire mode (in mode 3) .............................................. 22 Figure 13. I²C and I3C both active (INT1 pin not connected) ........................................... 25 Figure 14. Only I3C active (INT1 pin connected to Vdd_IO) ............................................ 25 Figure 15. Block diagram of filters ............................................................. 27 Figure 16. Accelerometer UI chain ............................................................. 28 Figure 17. Accelerometer composite filter ........................................................ 28 Figure 18. Accelerometer chain with Mode 4 enabled ................................................ 29 Figure 19. Gyroscope digital chain - Mode 1 (UI/EIS) and Mode 2 ....................................... 29 Figure 20. Gyroscope digital chain - Mode 3 / Mode 4 (OIS/EIS) ........................................ 30 Figure 21. Auxiliary SPI full control (a) and enabling primary interface (b) .................................. 31 Figure 22. LSM6DSR electrical connections in Mode 1 ............................................... 35 Figure 23. LSM6DSR electrical connections in Mode 2 ............................................... 36 Figure 24. LSM6DSR electrical connections in Mode 3 and Mode 4 (auxiliary 3/4-wire SPI) ...................... 37 Figure 25. Accelerometer block diagram ......................................................... 59 Figure 26. LGA-14L 2.5 x 3.0 x 0.86 mm package outline and mechanical data ............................. 147 Figure 27. Carrier tape information for LGA-14 package ............................................. 148 Figure 28. LGA-14 package orientation in carrier tape............................................... 148 Figure 29. Reel information for carrier tape of LGA-14 package ........................................ 149 LSM6DSR List of figures DS11976 - Rev 2 page 167/168 |