công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47CVB02 bảng dữ liệu(PDF) 117 Page - Microchip Technology

tên linh kiện MCP47CVB02
Giải thích chi tiết về linh kiện  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB02 bảng dữ liệu(HTML) 117 Page - Microchip Technology

Back Button MCP47CVB02 Datasheet HTML 113Page - Microchip Technology MCP47CVB02 Datasheet HTML 114Page - Microchip Technology MCP47CVB02 Datasheet HTML 115Page - Microchip Technology MCP47CVB02 Datasheet HTML 116Page - Microchip Technology MCP47CVB02 Datasheet HTML 117Page - Microchip Technology MCP47CVB02 Datasheet HTML 118Page - Microchip Technology MCP47CVB02 Datasheet HTML 119Page - Microchip Technology MCP47CVB02 Datasheet HTML 120Page - Microchip Technology MCP47CVB02 Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 117
MCP47CXBXX
C.7
Offset Error (EOS)
The Offset Error (EOS) is the delta voltage of the VOUT
voltage from the ideal output voltage at the specified
code. This code is specified where the output amplifier
is in the linear operating range; for the MCP47CXBXX,
we specify code 100 (decimal). Offset error does not
include gain error, which is illustrated in Figure C-2.
This error is expressed in mV. Offset error can be
negative or positive. The error can be calibrated by
software in application circuits.
FIGURE C-2:
Offset Error (Zero Gain
Error).
C.8
Offset Error Drift (EOSD)
The Offset Error Drift (EOSD) is the variation in offset
error due to a change in ambient temperature. The off-
set error drift is typically expressed in ppm/°C or µV/°C.
C.9
Gain Error (EG)
Gain Error (EG) is a calculation based on the ideal
slope using the voltage boundaries for the linear range
of the output driver (e.g., code 100 and code 4000); see
Figure C-3). The gain error calculation nullifies the
device’s offset error.
The gain error indicates how well the slope of the actual
transfer function matches the slope of the ideal transfer
function. The gain error is usually expressed as a percent
of Full-Scale Range (% of FSR) or in LSb. FSR is the
ideal full-scale voltage of the DAC (see Equation C-5).
FIGURE C-3:
Gain Error and Full-Scale
Error Example.
EQUATION C-5:
GAIN ERROR EXAMPLE
C.10
Gain Error Drift (EGD)
The Gain Error Drift (EGD) is the variation in gain error
due to a change in ambient temperature. The gain error
drift is typically expressed in ppm/°C (of Full-Scale
Range).
Ideal Transfer
Actual
DAC Input Code
0
Zero-Scale
Error (EZS)
Offset
Function
64
4032
Error (EOS)
Transfer
Function
Ideal Transfer
Actual
DAC Input Code
0
Full-Scale
Error (EFS)
Gain Error (EG)
Function
64
4032
4095
VREF
Transfer
Function
(@ code = 4032)
Ideal Transfer
Function Shifted by
Offset Error
(crosses at start of
defined linear range)
Where:
EG is expressed in % of Full-Scale Range (FSR).
VOUT(@4032) = The measured DAC output
voltage at the specified code
VOUT_Ideal(@4032) = The calculated DAC output
voltage at the specified code
(4032 * VLSb(Ideal))
VOS = Measured offset voltage
VFull-Scale Range = Expected full-scale output
value (such as the VREF
voltage)
EG
VOUT(@4032) VOS
–
VOUT_Ideal(@4032)
–

VFull-Scale Range
---------------------------------------------------------------------------------------------------- * 100
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com