| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM79C930VC/W bảng dữ liệu(PDF) 158 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C930VC/W bảng dữ liệu(HTML) 158 Page - Advanced Micro Devices |
|
158 / 161 page ![]() AMD P R E L I M I N A R Y 158 Am79C930 PHYSICAL DIMENSIONS PQT144 144-Pin Thin Quad Flat Pack (measured in millimeters) 1.00 REF. 1.60 MAX 11 ° – 13° 11 ° – 13° 0.50 BSC 144 1 1.35 1.45 21.80 22.20 19.80 20.20 21.80 22.20 19.80 20.20 0.17 0.27 16-038-PQT-2_AH PQT144 5-4-95 ae *For reference only. BSC is an ANSI standard for Basic Space Centering. Trademarks Copyright © 1997 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc. PCnet is a trademark of AMD. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. |