| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST92195C bảng dữ liệu(PDF) 151 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92195C bảng dữ liệu(HTML) 151 Page - STMicroelectronics |
|
151 / 249 page ![]() 151/249 ST92195C/D - TELETEXT SLICER AND ACQUISITION UNIT TELETEXT SLICER AND ACQUISITION UNIT (Cont’d) 7.7.4.1 Data Extraction and Synchronization Teletext data extraction is based on synchroniza- tion signals from the CVBS1 input video composite signals (Hcvbs and Vcvbs). Teletext data storage into the internal TDSRAM is synchronized with the sync signals, HSYNC/ VSYNC, delivered by the chassis and also called "deflection sync signals". The storage of the data can be done during the whole field. In practice, a significant phase shift of a few TV lines may appear between the deflection sync sig- nals and the CVBS ones. A Teletext data acquisition window is opened on line 6 of field 1 and line 317 of field 2 from the CVBS signal (refer to Figure 90). The Teletext data storage is done independently of the phase shift. Figure 91. Deflection / CVBS Timing n. 625 1 2 (315) 3 (316) 4 (317) 5 (318) 6 (319) 22 (335) 23 (336) 24 (337) 25 (338) 26 (339) Vcvbs Hcvbs FRWND (field 1) 625 1 2 (315) 3 (316) 4 (317) 5 (318) 6 (319) 22 (335) 23 (336) 24 (337) 25 (338) 26 (339) V deflection H deflection Teletext Slicing window (field 1) Teletext Slicing window (field 2) VR02109B (Always active) FRWND (field 2) Acquisition / RAM Storage |