| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7SB20J/UK bảng dữ liệu(PDF) 148 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7SB20J/UK bảng dữ liệu(HTML) 148 Page - STMicroelectronics |
|
148 / 154 page ![]() ST7232A 148/154 14.5.1 Socket and Emulator Adapter Information For information on the type of socket that is sup- plied with the emulator, refer to the suggested list of sockets in Table 29. Note: Before designing the board layout, it is rec- ommended to check the overall dimensions of the socket as they may be greater than the dimen- sions of the device. For footprint and other mechanical information about these sockets and adapters, refer to the manufacturer’s datasheet (www.ironwoodelec- tronics.com for TQFP32 7 x 7). Table 29. Suggested List of Socket Types Device Socket (supplied with ST7MDT20J-EMU3) Emulator Adapter (supplied with ST7MDT20J-EMU3) TQFP32 7 X 7 IRONWOOD SF-QFE32SA-L-01 IRONWOOD SK-UGA06/32A-01 1 |