| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32MP157A bảng dữ liệu(PDF) 222 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157A bảng dữ liệu(HTML) 222 Page - STMicroelectronics |
|
222 / 258 page ![]() Electrical characteristics STM32MP157A 222/258 DS12504 Rev 2 Figure 47. SPI timing diagram - slave mode and CPHA = 1(1) 1. Measurement points are done at 0.5×VDD and with external CL = 30 pF. Figure 48. SPI timing diagram - master mode(1) 1. Measurement points are done at 0.5×VDD and with external CL = 30 pF. I2S interface characteristics Unless otherwise specified, the parameters given in Table 101 for the I2S interface are derived from tests performed under the ambient temperature, fpclkx frequency and VDD MSv41659V1 NSS input CPHA=1 CPOL=0 CPHA=1 CPOL=1 MISO output MOSI input tsu(SI) th(SI) tw(SCKL) tw(SCKH) tsu(NSS) tc(SCK) ta(SO) tv(SO) First bit OUT Next bits OUT Next bits IN Last bit OUT th(SO) tr(SCK) tf(SCK) th(NSS) tdis(SO) First bit IN Last bit IN ai14136c CPHA= 0 MOSI OUTPUT MISO INP UT CPHA= 0 LSB OUT LSB IN CPOL=0 CPOL=1 B I T1 OUT NSS input tc(SCK) tw(SCKH) tw(SCKL) tr(SCK) tf(SCK) th(MI) High CPHA=1 CPHA=1 CPOL=0 CPOL=1 tsu(MI) tv(MO) th(MO) MSB IN BIT6 IN MSB OUT |