công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS-238Q bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện ADS-238Q
Giải thích chi tiết về linh kiện  12-Bit, 20MHz, Low Power Sampling A/D Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

ADS-238Q bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  ADS-238Q Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-238Q Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-238Q Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-238Q Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-238Q Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-238Q Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-238Q Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ADS-238Q
4
®®
Figure 6-2. Bias2 Voltage vrs Bias2 Current
Figure 4. Suggested Bias Current vrs Sample Rate
SAMPLE RATE
BIAS1
BIAS2
(MHz)
(µA)
(µA)
120
3.5
550
6.5
10
80
8.0
20
90
9.5
Table 1. Sample Rate Bias Current Settings
Common Mode Voltage Reference
The ADS-238Q has an internal common mode reference
voltage, VCM (pin 18). This reference voltage is typically one
half of the supply voltage and is capable of driving loads up
to 20µA. This reference is used to drive the center tap in
the transformer used in fully differential applications, or
provide level shifting in single-ended to differential
applications.
Bias Current Inputs
The bias currents shown in Table I, Sample Rate Bias
Current Settings, and Figure 4, Suggested Bias Currents
vrs Sample Rate, are designed to optimize performance of
the ADS-238Q for a given sample rate.
Figure 5, Bias Current Determination and Adjustment,
details the suggested circuits for measuring bias voltage
drops to calculate the bias currents. Adjustments to the bias
currents are made via the trim pots. The Bias1 voltage drop
is measured across TP1A and TP1B. The Bias2 voltage
drop is measured across TP2A and TP2B. Figures 6-1 and
6-2 show the relationship between the bias currents and
voltages when measured in the indicated circuit. The Bias1
and Bias2 pins should be by-passed with 0.01µF
capacitors.
Figure 5. Bias Current Determination and Adjustment
Figure 6-1. Bias1 Voltage vrs Bias1 Current
90
80
70
60
50
40
30
20
10
0
0
5
10
15
20
Bias2 (µA)
Sample Rate (MHz)
Bias1 (µA)
TP2A
TP1B
TP2B
100k
100k
100k
4.75k
500k
500k
TP1A
0.01µF
0.01µF
+
100k
100k
0.01µF
4.7µF
4.7V
Bias1
Bias2
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
0
30
60
90
120
150
180
Bias1
30
60
90
120
150
VBias1
2.19
2.53
2.79
3
3.22
IBias1 (µA)
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0
3
6
9
12
15
18
IBias2
3
6
9
12
15
VBias2
0.6975
0.7535
0.796
0.8295
0.8595
IBias2 (µA)


Số phần tương tự - ADS-238Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
12-Bit, 20MHz, Low Power Sampling A/D Converters
More results

Mô tả tương tự - ADS-238Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
12-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
12-Bit Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-117 MURATA-PS-ADS-117 Datasheet
153Kb / 6P
12-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-118 MURATA-PS-ADS-118 Datasheet
181Kb / 8P
12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-119 MURATA-PS-ADS-119 Datasheet
136Kb / 8P
12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
12-Bit, 20MHz, Low Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com