công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS-238Q bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện ADS-238Q
Giải thích chi tiết về linh kiện  12-Bit, 20MHz, Low Power Sampling A/D Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

ADS-238Q bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  ADS-238Q Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-238Q Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-238Q Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-238Q Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-238Q Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-238Q Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-238Q Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ADS-238Q
2
®®
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
Supply Voltage, VS (Pins 4-9,44)
–0.5 to +6
Volts
Input Voltages:
Analog Input, VIN+, VIN–
(Pin 20, 21)
–0.5 to (+VS +0.5)
Volts
VREF–, VREF+, (Pin 10, 11)
–0.5 to (+VS +0.5)
Volts
CLK, (Pin 2)
–0.5 to (+VS +0.5)
Volts
Lead Temperature (10 seconds)
+300
°C
FUNCTIONAL SPECIFICATIONS
(TA = TMIN to TMAX, VS = 3.3V, VREF– = 1.15V, VREF+ = 2.15V, VCM = 1.65V, CLK
Frequency = 20MHz, BIAS1 = 90µA, BIAS2 = 9.5µA, Duty Cycle = 50% and
Differential Input, unless otherwise specified.)
ANALOG INPUTS
MIN.
TYP.
MAX.
UNITS
Differential Input Voltage Range
±0.6
±1.0
±1.7
Volts
Common Mode Input Voltage
1.2
1.65
1.9
Volts
Input Capacitance
1.4
pF
Input Bandwidth, Large Signal
120
MHz
DIGITAL INPUTS
Logic Levels
Logic "1"
80% VS
Volts
Logic "0"
20% VS
Volts
Logic Loading "1"
±1
µA
Logic Loading "0"
±1
µA
Input Capacitance
1.8
pF
REFERENCE VOLTAGES
Reference Input Voltage Range
(VREF+ - VREF–)
0.6
1.0
1.7
Volts
Negative Reference Voltage
(VREF–)
1.15
Volts
Positive Reference Voltage
(VREF+)
2.15
Volts
Common Mode Output Voltage
(VCM)
1.3
1.65
1.8
Volts
STATIC PERFORMANCE
Resolution
12
Bits
Differential Nonlinearity
±0.6
LSB
Integral Nonlinearity
±3.0
LSB
Common Mode rejection ratio
—55
dB
No Missing Codes
12
Bits
Offset, Mid-Scale
±1.0
%FSR
Gain Error
0.3
%
DYNAMIC PERFORMANCE
Peak Harmonics
FIN = 5MHz
62
70
dB
FIN = 10MHz
61
dB
Total Harmonics Distortion
FIN = 5MHz
–68
–61
dB
FIN = 10MHz
–60
dB
Signal-to-Noise Ratio
(w/o distortion)
FIN = 5MHz
59
62
dB
FIN = 10MHz
58
dB
Signal-to-Noise Ratio
(and distortion)
FIN = 5MHz
57
61
dB
FIN = 10MHz
56
dB
Effective Number of Bits
FIN = 5MHz
9.2
9.8
Bits
FIN = 10MHz
9.0
Bits
DYNAMIC PERFORMANCE
Differential Phase
0.2
Degrees
Differential Gain
0.5
%
Aperature Uncertainty
10
ps rms
Aperture Delay Time, tAP
—5
ns
Data Latency
7.5
Cycles
A/D Conversion Rate
20
MHz
DIGITAL OUTPUTS
Logic "1"
80% VS
95% VS
Volts
Logic "0"
0.1
0.4
Volts
CLK to Output Delay Time, tD
48
12
ns
POWER REQUIREMENTS
Supply Voltages, VS
2.8
3.3
3.6
Volts
Supply Current, IS
—24
30
mA
Power Dissipation
79
100
mW
Power Supply Rejection Ratio
—63
dB
PHYSICAL/ENVIRONMENTAL
Operating Temp. Range, Case
0
+70
°C
Storage Temperature Range
–65
+125
°C
Package Type
44-pin (leaded), plastic thin quad flat package
Weight
0.2 grams
TECHNICAL NOTES
Differential Analog Input
The analog input is a fully differential input that can be
configured in various ways depending on whether a single-
ended or differential, AC or DC coupled input is required.
An AC coupled input is most readily implemented using a
transformer (1:1 with a center tap on the secondary
winding) as illustrated in Figures 2, Typical Connection
Diagram, and 3.1, Transformer Coupled Input. To minimize
distortion, the core of the transformer must not saturate at
full scale input voltage levels. To minimize kickback noise
from the internal sample-hold a small capacitor should be
connected across the VIN pins (pins 20 and 21).
Figure 3.2, DC Coupled Single Ended Input, illustrates a
conversion circuit for a DC coupled single-ended input.
Power supplies and by-pass capacitors are not shown.
Reference Voltage Inputs
The ADS-238Q is designed to accept two external
reference voltages at the VREF input pins, see Figure 2,
Typical Connection Diagram. These reference voltages,
applied to VREF+ (pin 11) and VREF– (pin 10), determine the
analog input voltage range, which is equal to ±(VREF+ -
VREF–). This voltage range will be symmetric about the
common mode voltage, and for best performance should
be symmetrical about the midpoint of the supply voltage.
In order to minimize overall converter noise it is
recommended that the VREF pins be adequately bypassed
using a 4.7µF tantalum capacitor in parallel with a 0.01µF
ceramic capacitor. Locate the bypass capacitors as close
to the unit as possible.


Số phần tương tự - ADS-238Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
12-Bit, 20MHz, Low Power Sampling A/D Converters
More results

Mô tả tương tự - ADS-238Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
12-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-117 MURATA-PS-ADS-117 Datasheet
153Kb / 6P
12-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-118 MURATA-PS-ADS-118 Datasheet
181Kb / 8P
12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-119 MURATA-PS-ADS-119 Datasheet
136Kb / 8P
12-Bit, 10MHz, Low-Power Sampling A/D Converters
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
12-Bit Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com