công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC-88GM-2-C bảng dữ liệu(PDF) 1 Page - DATEL, Inc.

tên linh kiện DAC-88GM-2-C
Giải thích chi tiết về linh kiện  High-Performance, 12-Bit DACs with Input Registers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DATEL [DATEL, Inc.]
Trang chủ  http://www.datel.com/
Logo DATEL - DATEL, Inc.

DAC-88GM-2-C bảng dữ liệu(HTML) 1 Page - DATEL, Inc.

  DAC-88GM-2-C Datasheet HTML 1Page - DATEL, Inc. DAC-88GM-2-C Datasheet HTML 2Page - DATEL, Inc. DAC-88GM-2-C Datasheet HTML 3Page - DATEL, Inc. DAC-88GM-2-C Datasheet HTML 4Page - DATEL, Inc. DAC-88GM-2-C Datasheet HTML 5Page - DATEL, Inc. DAC-88GM-2-C Datasheet HTML 6Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 USA • Tel: (508) 339-3000 • www.datel.com • e-mail: help@datel.com
DAC-88 Series
High-Performance, 12-Bit DACs with Input Registers
MDA_DAC-88.A01 Page 1 of 6
Figure 1. DAC-88 Functional Block Diagram
MSB
BITS
LSB
1
LOAD 19
+5V
2 3 4
+15V
SUPPLY
22
14
13
18
20
SUMMING
JUNCTION
15
VOLTAGE
OUTPUT
21
5 6 7 8
9 10 11 12
REF.
OUT
24
BIPOLAR
OFFSET
17
GAIN
ADJUST
23
REF.
IN
16
REGISTER
74LS75
REGISTER
74LS75
REGISTER
74LS75
D/A CONVERTER
DIGITAL INPUTS
GROUND
10V RANGE
+5V
SUPPLY
–15V
SUPPLY
1 2 3 4
5 6 7 8
9 10 11 12
BLOCK DIAGRAM
The DAC-88 Series D/A converters are high
performance 12-bit devices with a fast settling
voltage output. They are compatible and pin-pin
replacement for the standard DAC88 and 3860
series. They incorporate a level-controlled input
storage register and are specifically designed for
systems applications such as data bus interfacing
with computers. When the “load/Register Enable”
input is high, data in the storage register is held,
and when the load input is low, data is transferred
through to the DAC. There are two basic models
available by coding option: binary and two’s com-
plement. The output voltage ranges are externally
pin programmable and include 0 to +10V, ±5V,
and ±10V. The DAC-88 Series contains a precision
zener reference circuit. This eliminates code-
dependent ground currents by routing current from
the positive supply to the internal ground node
as determined by the R-2R ladder network. The
internal feedback resistors for the on-board ampli-
fier track the ladder network resistors, enhancing
temperature performance. The excellent tracking
of the resistors results in a differential nonlinearity
tempco of ±2ppm/°C maximum. The temperature
coefficient of gain is ±20ppm/°C maximum, and
the tempco of zero is ±5ppm/°C maximum.
PRODUCT OVERVIEW
INPUT/OUTPUT CONNECTIONS
PIN
FUNCTION
PIN
FUNCTION
1
BIT 1 (MSB)
24
REFERENCE OUT
2
BIT 2
23
GAIN ADJUST
3
BIT 3
22
+15V SUPPLY
4
BIT 4
21
GROUND
5
BIT 5
20
SUMMING JUNCTION
6
BIT 6
19
LOAD/Register Enable
7
BIT 7
18
10V RANGE
8
BIT 8
17
BIPOLAR OFFSET
9
BIT 9
16
REFERENCE IN
10
BIT 10
15
VOLTAGE OUTPUT
11
BIT 11
14
–15V SUPPLY
12
BIT 12 (LSB)
13
+5V SUPPLY
FEATURES
12-Bit resolution
Integral nonlinearity error ±1/2LSB, max.
Differential nonlinearity error ±3/4LSB, max.
MIL-STD-883 high-reliability versions available
Input register
3μs fast output settling time
Guaranteed monotonicity over full temperature
range


Số phần tương tự - DAC-88GM-2-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DATEL, Inc.
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
Digital-to-Analog Converters
More results

Mô tả tương tự - DAC-88GM-2-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7398 AD-AD7398 Datasheet
273Kb / 16P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
logo
List of Unclassifed Man...
DAC-HK12BMM ETC-DAC-HK12BMM Datasheet
192Kb / 4P
HIGH PERFORMANCE 12 BIT DAC WITH INPUT REGISTERS
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Murata Power Solutions ...
DAC-HK12BGC MURATA-PS-DAC-HK12BGC Datasheet
59Kb / 4P
High-Performance, 12-Bit DAC?셲 with Input Registers
logo
Analog Devices
AD7397ARUZ AD-AD7397ARUZ Datasheet
216Kb / 12P
3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7398BRZ-REEL7 AD-AD7398BRZ-REEL7 Datasheet
416Kb / 24P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
logo
API Technologies Corp
HS3860 APITECH-HS3860 Datasheet
1Mb / 3P
12-Bit DAC with Input Registers
logo
Analog Devices
AD7398 AD-AD7398_15 Datasheet
416Kb / 24P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399 AD-AD7399_15 Datasheet
416Kb / 24P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
logo
DATEL, Inc.
DAC-HK DATEL-DAC-HK Datasheet
197Kb / 5P
High-Performance, 12-Bit DAC?셲 with Input Registers
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com