công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC-88GM-2-C bảng dữ liệu(PDF) 6 Page - DATEL, Inc.

tên linh kiện DAC-88GM-2-C
Giải thích chi tiết về linh kiện  High-Performance, 12-Bit DACs with Input Registers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DATEL [DATEL, Inc.]
Trang chủ  http://www.datel.com/
Logo DATEL - DATEL, Inc.

DAC-88GM-2-C bảng dữ liệu(HTML) 6 Page - DATEL, Inc.

  DAC-88GM-2-C Datasheet HTML 1Page - DATEL, Inc. DAC-88GM-2-C Datasheet HTML 2Page - DATEL, Inc. DAC-88GM-2-C Datasheet HTML 3Page - DATEL, Inc. DAC-88GM-2-C Datasheet HTML 4Page - DATEL, Inc. DAC-88GM-2-C Datasheet HTML 5Page - DATEL, Inc. DAC-88GM-2-C Datasheet HTML 6Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
© 2015 DATEL, Inc.
DATEL, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information
contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of
licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice.
www.datel.com • e-mail: help@datel.com
DATEL is a registered trademark of DATEL, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 USA
ITAR and ISO 9001/14001 REGISTERED
DAC-88 Series
High-Performance, 12-Bit DACs with Input Registers
MDA_DAC-88.A01 Page 6 of 6
ORDERING INFORMATION
MODEL
OPERATING TEMPERATURE RANGE
RoHS RATING
PACKAGE
Binary Coding
DAC-88MC
0 to +70°C
Non-RoHS
DDIP
DAC-88ME
–40 to +100°C
Non-RoHS
DDIP
DAC-88MM
–55 to +125°C
Non-RoHS
DDIP
DAC-88/883
–55 to +125°C
Non-RoHS
DDIP
DAC-88MC-C
0 to +70°C
RoHS
DDIP
DAC-88ME-C
–40 to +100°C
RoHS
DDIP
DAC-88MM-C
–55 to +125°C
RoHS
DDIP
DAC-88-C/883
–55 to +125°C
RoHS
DDIP
DAC-88GC
0 to +70°C
Non-RoHS
SMT
DAC-88GE
–40 to +100°C
Non-RoHS
SMT
DAC-88GM
–55 to +125°C
Non-RoHS
SMT
DAC-88G/883
–55 to +125°C
Non-RoHS
SMT
DAC-88GC-C
0 to +70°C
RoHS
SMT
DAC-88GE-C
–40 to +100°C
RoHS
SMT
DAC-88GM-C
–55 to +125°C
RoHS
SMT
DAC-88G-C/883
–55 to +125°C
RoHS
SMT
Two’s Complement Coding
DAC-88MC-2
0 to +70°C
Non-RoHS
DDIP
DAC-88ME-2
–40 to +100°C
Non-RoHS
DDIP
DAC-88MM-2
–55 to +125°C
Non-RoHS
DDIP
DAC-88-2/883
–55 to +125°C
Non-RoHS
DDIP
DAC-88MC-2-C
0 to +70°C
RoHS
DDIP
DAC-88ME-2-C
–40 to +100°C
RoHS
DDIP
DAC-88MM-2-C
–55 to +125°C
RoHS
DDIP
DAC-88-2-C/883
–55 to +125°C
RoHS
DDIP
DAC-88GC-2
0 to +70°C
Non-RoHS
SMT
DAC-88GE-2
–40 to +100°C
Non-RoHS
SMT
DAC-88GM-2
–55 to +125°C
Non-RoHS
SMT
DAC-88G-2/883
–55 to +125°C
Non-RoHS
SMT
DAC-88GC-2-C
0 to +70°C
RoHS
SMT
DAC-88GE-2-C
–40 to +100°C
RoHS
SMT
DAC-88GM-2-C
–55 to +125°C
RoHS
SMT
DAC-88G-2-C/883
–55 to +125°C
RoHS
SMT
The MIL-STD-883 units are available under DSCC/DLA Drawing Number 5962-9057001HXA (Solder Dipped)
or 5962-9057001HXC. Contact DATEL for 883 product specifications


Số phần tương tự - DAC-88GM-2-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DATEL, Inc.
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
Digital-to-Analog Converters
More results

Mô tả tương tự - DAC-88GM-2-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7398 AD-AD7398 Datasheet
273Kb / 16P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
logo
List of Unclassifed Man...
DAC-HK12BMM ETC-DAC-HK12BMM Datasheet
192Kb / 4P
HIGH PERFORMANCE 12 BIT DAC WITH INPUT REGISTERS
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Murata Power Solutions ...
DAC-HK12BGC MURATA-PS-DAC-HK12BGC Datasheet
59Kb / 4P
High-Performance, 12-Bit DAC?셲 with Input Registers
logo
Analog Devices
AD7397ARUZ AD-AD7397ARUZ Datasheet
216Kb / 12P
3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7398BRZ-REEL7 AD-AD7398BRZ-REEL7 Datasheet
416Kb / 24P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
logo
API Technologies Corp
HS3860 APITECH-HS3860 Datasheet
1Mb / 3P
12-Bit DAC with Input Registers
logo
Analog Devices
AD7398 AD-AD7398_15 Datasheet
416Kb / 24P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399 AD-AD7399_15 Datasheet
416Kb / 24P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
logo
DATEL, Inc.
DAC-HK DATEL-DAC-HK Datasheet
197Kb / 5P
High-Performance, 12-Bit DAC?셲 with Input Registers
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com