công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC64M16GP-EKB bảng dữ liệu(PDF) 126 Page - Nanya Technology Corporation.

tên linh kiện NT5CC64M16GP-EKB
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-EKB bảng dữ liệu(HTML) 126 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-EKB Datasheet HTML 122Page - Nanya Technology Corporation. NT5CC64M16GP-EKB Datasheet HTML 123Page - Nanya Technology Corporation. NT5CC64M16GP-EKB Datasheet HTML 124Page - Nanya Technology Corporation. NT5CC64M16GP-EKB Datasheet HTML 125Page - Nanya Technology Corporation. NT5CC64M16GP-EKB Datasheet HTML 126Page - Nanya Technology Corporation. NT5CC64M16GP-EKB Datasheet HTML 127Page - Nanya Technology Corporation. NT5CC64M16GP-EKB Datasheet HTML 128Page - Nanya Technology Corporation. NT5CC64M16GP-EKB Datasheet HTML 129Page - Nanya Technology Corporation. NT5CC64M16GP-EKB Datasheet HTML 130Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 160 page
background image
Version 2.2
126
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Bank Activity: all banks open;
Output Buffer and RTT: Enabled in Mode Registers(2);
ODT Signal: stable at 0;
IDD3P
Active Power-Down Current
CKE: Low; External clock: On;
tCK, CL: see the table of Timings used for IDD and IDDQ;
BL: 8(1); AL: 0;
: stable at 1;
Command, Address, Bank Address Inputs: stable at 0;
Data IO: MID-LEVEL;
DM:stable at 0;
Bank Activity: all banks open;
Output Buffer and RTT: Enabled in Mode Registers(2);
ODT Signal: stable at 0
IDD4R
Operating Burst Read Current
CKE: High; External clock: On;
tCK, CL: see the table of Timings used for IDD and IDDQ;
BL: 8(1,7); AL: 0;
: High between RD;
Command, Address, Bank Address Inputs: partially toggling;
Data IO: seamless read data burst with different data between one burst and the next one;
DM:stable at 0;
Bank Activity: all banks open, RD commands cycling through banks: 0,0,1,1,2,2,...;
Output Buffer and RTT: Enabled in Mode Registers(2);
ODT Signal: stable at 0;
IDD4W
Operating Burst Write Current
CKE: High; External clock: On;
tCK, CL: see the table of Timings used for IDD and IDDQ;
BL: 8(1); AL: 0;
: High between WR;
Command, Address, Bank Address Inputs: partially toggling;
Data IO: seamless write data burst with different data between one burst and the next one ;
DM: stable at 0;
Bank Activity: all banks open, WR commands cycling through banks: 0,0,1,1,2,2,...;
Output Buffer and RTT: Enabled in Mode Registers(2);
ODT Signal: stable at HIGH;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com