| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F636TE/STQTP bảng dữ liệu(PDF) 177 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F636TE/STQTP bảng dữ liệu(HTML) 177 Page - Microchip Technology |
|
177 / 196 page ![]() © 2005 Microchip Technology Inc. Preliminary DS41232B-page 175 PIC12F635/PIC16F636/639 17.0 PACKAGING INFORMATION 17.1 Package Marking Information * Standard PICmicro device marking consists of Microchip part number, year code, week code and traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. XXXXXNNN 8-Lead PDIP XXXXXXXX YYWW 017 Example 12F635/P 0510 8-Lead SOIC XXXXXXXX XXXXYYWW NNN Example 12F635 /SN0510 017 XXXXXX 8-Lead DFN-S XXXXXX YYWW NNN 14-Lead PDIP XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN Example PIC16F636-I/P 0510017 PIC12F Example 635/MF 0510 017 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |