công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC-88GM-2-C bảng dữ liệu(PDF) 1 Page - DATEL, Inc.

tên linh kiện DAC-88GM-2-C
Giải thích chi tiết về linh kiện  Digital-to-Analog Converters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DATEL [DATEL, Inc.]
Trang chủ  http://www.datel.com/
Logo DATEL - DATEL, Inc.

DAC-88GM-2-C bảng dữ liệu(HTML) 1 Page - DATEL, Inc.

  DAC-88GM-2-C Datasheet HTML 1Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number DAC-88GM-2-C, Digital-to-Analog Converters
Specifications
Number of Channels
1
Resolution
12 Bit
Settling Time
3000 ns
Power Consumption
0.7 W
Differential Non-Linearity Error/Other
1.5 LSB
Integral Non-Linearity Error/Other
1 LSB
Package Type
SMT
Required Supply Voltage 1st
15 V
Required Supply Voltage 2nd
-15 V
Required Supply Voltage 3rd
5 V
Operating Temp. Range (min)
-55 ºC
Operating Temp. Range (max)
+125 ºC
RoHS
Yes
Status
Recommended for new design
The DAC-88 Series D/A converters are high performance 12-bit devices with a fast
settling voltage output. They are compatible and pin-pin replacement for the standard
DAC88 and 3860 series. They incorporate a level-controlled input storage register and
are specifically designed for systems applications such as data bus interfacing with
computers. When the "load/Register Enable" input is high, data in the storage register is
held, and when the load input is low, data is transferred through to the DAC. There are
two basic models available by coding option: binary and two’s complement. The output
voltage ranges are externally pin programmable and include 0 to +10V, ±5V, and ±10V.
The DAC-88 Series contains a precision zener reference circuit. This eliminates
codedependent ground currents by routing current from the positive supply to the
internal ground node as determined by the R-2R ladder network. The internal feedback
resistors for the on-board amplifier track the ladder network resistors, enhancing
temperature performance. The excellent tracking of the resistors results in a differential
nonlinearity tempco of ±2ppm/°C maximum. The temperature coeffi cient of gain
is±20ppm/°C maximum, and the tempco of zero is ±5ppm/°C maximum.
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
© DATEL is a registered trademark of DATEL, Inc.
4/17/2019 | Page 1 of 1


Số phần tương tự - DAC-88GM-2-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DATEL, Inc.
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
216Kb / 6P
High-Performance, 12-Bit DACs with Input Registers
More results

Mô tả tương tự - DAC-88GM-2-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
Digital-to-Analog Converters
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com