| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AXP288D bảng dữ liệu(PDF) 102 Page - Shenzhen X-Powers Technology Co ., Ltd |
|
|
|||||||||||||||||||||||||||||
AXP288D bảng dữ liệu(HTML) 102 Page - Shenzhen X-Powers Technology Co ., Ltd |
|
102 / 110 page ![]() AXP288 PMIC Optimized For Multi-Core High-Performance System AXP288 Datasheet V1.06 Copyright © 2014 X-Powers Limited. All Rights Reserved. 102 Bit Description R/W Default 7-6 OCV Percentage calibrate the Coulomb meter percentage, maximum time interval 00-60s 01-120s 10-15s 11-30s RW 0 5-3 Wait for the stability for charge when in RDC calculation 000-180s 001-240s 010-300s 011-600s 100-30s 101-60s 110-90s 111-120s RW 0 2-0 Wait for the stability for discharge when in RDC calculation 000-180s 001-240s 010-300s 011-600s 100-30s 101-60s 110-90s 111-120s RW 0 REG EAH: Fuel gauge tuning control 2 Default:00H Reset: Power on reset Table 10-106 Bit Description R/W Default 7-6 OCV Percentage Debounce setting(only when the change continuous the same direction as more than N times, then the ocv percentage increase or decrease)N: 00-4 01-8 10-1 11-2 RW 0 5-4 Coulomb meter Percentage Debounce setting(only when the change continuous the RW 0 |