| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18LF2420E/MLQTP bảng dữ liệu(PDF) 160 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LF2420E/MLQTP bảng dữ liệu(HTML) 160 Page - Microchip Technology |
|
160 / 390 page ![]() PIC18F2420/2520/4420/4520 DS39631A-page 158 Preliminary 2004 Microchip Technology Inc. 16.4.7.1 Auto-Shutdown and Automatic Restart The auto-shutdown feature can be configured to allow automatic restarts of the module following a shutdown event. This is enabled by setting the PRSEN bit of the PWM1CON register (PWM1CON<7>). In Shutdown mode with PRSEN = 1 (Figure 16-10), the ECCPASE bit will remain set for as long as the cause of the shutdown continues. When the shutdown condi- tion clears, the ECCP1ASE bit is cleared. If PRSEN = 0 (Figure 16-11), once a shutdown condition occurs, the ECCPASE bit will remain set until it is cleared by firm- ware. Once ECCPASE is cleared, the enhanced PWM will resume at the beginning of the next PWM period. Independent of the PRSEN bit setting, if the auto- shutdown source is one of the comparators, the shutdown condition is a level. The ECCPASE bit cannot be cleared as long as the cause of the shutdown persists. The Auto-Shutdown mode can be forced by writing a ‘1’ to the ECCPASE bit. 16.4.8 START-UP CONSIDERATIONS When the ECCP module is used in the PWM mode, the application hardware must use the proper external pull- up and/or pull-down resistors on the PWM output pins. When the microcontroller is released from Reset, all of the I/O pins are in the high-impedance state. The exter- nal circuits must keep the power switch devices in the off state until the microcontroller drives the I/O pins with the proper signal levels, or activates the PWM output(s). The CCP1M1:CCP1M0 bits (CCP1CON<1:0>) allow the user to choose whether the PWM output signals are active-high or active-low for each pair of PWM output pins (P1A/P1C and P1B/P1D). The PWM output polarities must be selected before the PWM pins are configured as outputs. Changing the polarity configura- tion while the PWM pins are configured as outputs is not recommended, since it may result in damage to the application circuits. The P1A, P1B, P1C and P1D output latches may not be in the proper states when the PWM module is initialized. Enabling the PWM pins for output at the same time as the ECCP module may cause damage to the applica- tion circuit. The ECCP module must be enabled in the proper output mode and complete a full PWM cycle before configuring the PWM pins as outputs. The com- pletion of a full PWM cycle is indicated by the TMR2IF bit being set as the second PWM period begins. FIGURE 16-10: PWM AUTO-SHUTDOWN (PRSEN = 1, AUTO-RESTART ENABLED) FIGURE 16-11: PWM AUTO-SHUTDOWN (PRSEN = 0, AUTO-RESTART DISABLED) Note: Writing to the ECCPASE bit is disabled while a shutdown condition is active. Shutdown PWM ECCPASE bit Activity Event Shutdown Event Occurs Shutdown Event Clears PWM Resumes Normal PWM Start of PWM Period PWM Period Shutdown PWM ECCPASE bit Activity Event Shutdown Event Occurs Shutdown Event Clears PWM Resumes Normal PWM Start of PWM Period ECCPASE Cleared by Firmware PWM Period |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |