| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4520E/ML bảng dữ liệu(PDF) 220 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4520E/ML bảng dữ liệu(HTML) 220 Page - Microchip Technology |
|
220 / 390 page ![]() PIC18F2420/2520/4420/4520 DS39631A-page 218 Preliminary 2004 Microchip Technology Inc. FIGURE 18-12: SYNCHRONOUS TRANSMISSION (THROUGH TXEN) TABLE 18-7: REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER TRANSMISSION RC7/RX/DT pin RC6/TX/CK pin Write to TXREG reg TXIF bit TRMT bit bit 0 bit 1 bit 2 bit 6 bit 7 TXEN bit Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on page INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 49 PIR1 PSPIF(1) ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 52 PIE1 PSPIE(1) ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 52 IPR1 PSPIP(1) ADIP RCIP TXIP SSPIP CCP1IP TMR2IP TMR1IP 52 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 51 TXREG EUSART Transmit Register 51 TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 51 BAUDCON ABDOVF RCIDL —SCKP BRG16 — WUE ABDEN 51 SPBRGH EUSART Baud Rate Generator Register, High Byte 51 SPBRG EUSART Baud Rate Generator Register, Low Byte 51 Legend: — = unimplemented, read as ‘0’. Shaded cells are not used for synchronous master transmission. Note 1: Reserved in 28-pin devices; always maintain these bits clear. |