công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F4420E/ML bảng dữ liệu(PDF) 109 Page - Microchip Technology

tên linh kiện PIC18F4420E/ML
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4420E/ML bảng dữ liệu(HTML) 109 Page - Microchip Technology

Back Button PIC18F4420E/ML Datasheet HTML 105Page - Microchip Technology PIC18F4420E/ML Datasheet HTML 106Page - Microchip Technology PIC18F4420E/ML Datasheet HTML 107Page - Microchip Technology PIC18F4420E/ML Datasheet HTML 108Page - Microchip Technology PIC18F4420E/ML Datasheet HTML 109Page - Microchip Technology PIC18F4420E/ML Datasheet HTML 110Page - Microchip Technology PIC18F4420E/ML Datasheet HTML 111Page - Microchip Technology PIC18F4420E/ML Datasheet HTML 112Page - Microchip Technology PIC18F4420E/ML Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 390 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39631A-page 107
PIC18F2420/2520/4420/4520
TABLE 10-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTA
RA7(1)
RA6(1)
RA5
RA4
RA3
RA2
RA1
RA0
52
LATA
LATA7(1)
LATA6(1) PORTA Data Latch Register (Read and Write to Data Latch)
52
TRISA
TRISA7(1) TRISA6(1) PORTA Data Direction Control Register
52
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
51
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
51
CVRCON
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
51
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTA.
Note 1:
RA7:RA6 and their associated latch and data direction bits are enabled as I/O pins based on oscillator
configuration; otherwise, they are read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More