| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F2420E/ML bảng dữ liệu(PDF) 138 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2420E/ML bảng dữ liệu(HTML) 138 Page - Microchip Technology |
|
138 / 390 page ![]() PIC18F2420/2520/4420/4520 DS39631A-page 136 Preliminary 2004 Microchip Technology Inc. 14.1 Timer3 Operation Timer3 can operate in one of three modes: •Timer • Synchronous Counter • Asynchronous Counter The operating mode is determined by the clock select bit, TMR3CS (T3CON<1>). When TMR3CS is cleared (= 0), Timer3 increments on every internal instruction cycle (FOSC/4). When the bit is set, Timer3 increments on every rising edge of the Timer1 external clock input or the Timer1 oscillator, if enabled. As with Timer1, the RC1/T1OSI and RC0/T1OSO/ T13CKI pins become inputs when the Timer1 oscillator is enabled. This means the values of TRISC<1:0> are ignored and the pins are read as ‘0’. FIGURE 14-1: TIMER3 BLOCK DIAGRAM FIGURE 14-2: TIMER3 BLOCK DIAGRAM (16-BIT READ/WRITE MODE) T3SYNC TMR3CS T3CKPS1:T3CKPS0 Sleep Input T1OSCEN(1) FOSC/4 Internal Clock Prescaler 1, 2, 4, 8 Synchronize Detect 1 0 2 T1OSO/T13CKI T1OSI 1 0 TMR3ON TMR3L Set TMR3IF on Overflow TMR3 High Byte Timer1 Oscillator Note 1: When enable bit, T1OSCEN, is cleared, the inverter and feedback resistor are turned off to eliminate power drain. On/Off Timer3 CCP1/CCP2 Special Event Trigger CCP1/CCP2 Select from T3CON<6,3> Clear TMR3 Timer1 Clock Input T3SYNC TMR3CS T3CKPS1:T3CKPS0 Sleep Input T1OSCEN(1) FOSC/4 Internal Clock Prescaler 1, 2, 4, 8 Synchronize Detect 1 0 2 T13CKI/T1OSO T1OSI Note 1: When enable bit, T1OSCEN, is cleared, the inverter and feedback resistor are turned off to eliminate power drain. 1 0 TMR3L Internal Data Bus 8 Set TMR3IF on Overflow TMR3 TMR3H High Byte 8 8 8 Read TMR1L Write TMR1L 8 TMR3ON CCP1/CCP2 Special Event Trigger Timer1 Oscillator On/Off Timer3 Timer1 Clock Input CCP1/CCP2 Select from T3CON<6,3> Clear TMR3 |