công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4520E/SP bảng dữ liệu(PDF) 112 Page - Microchip Technology

tên linh kiện PIC18LF4520E/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4520E/SP bảng dữ liệu(HTML) 112 Page - Microchip Technology

Back Button PIC18LF4520E/SP Datasheet HTML 108Page - Microchip Technology PIC18LF4520E/SP Datasheet HTML 109Page - Microchip Technology PIC18LF4520E/SP Datasheet HTML 110Page - Microchip Technology PIC18LF4520E/SP Datasheet HTML 111Page - Microchip Technology PIC18LF4520E/SP Datasheet HTML 112Page - Microchip Technology PIC18LF4520E/SP Datasheet HTML 113Page - Microchip Technology PIC18LF4520E/SP Datasheet HTML 114Page - Microchip Technology PIC18LF4520E/SP Datasheet HTML 115Page - Microchip Technology PIC18LF4520E/SP Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 390 page
background image
PIC18F2420/2520/4420/4520
DS39631A-page 110
Preliminary
 2004 Microchip Technology Inc.
TABLE 10-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
52
LATB
PORTB Data Latch Register (Read and Write to Data Latch)
52
TRISB
PORTB Data Direction Control Register
52
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
49
INTCON2
RBPU
INTEDG0
INTEDG1 INTEDG2
—
TMR0IP
—RBIP
49
INTCON3
INT2IP
INT1IP
—INT2IE
INT1IE
—
INT2IF
INT1IF
49
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
51
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More