| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM6526 bảng dữ liệu(PDF) 237 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6526 bảng dữ liệu(HTML) 237 Page - Texas Instruments |
|
237 / 299 page ![]() Interconnect Media & Data Storage Audio Peripherals General Connectivity Automotive Interfaces intro_001 A 654x / AM652x M 2x MMC/SD 3x MCASP PCIe® 2x Single/1x Dual Lane Gen 3 (3) GPIO 1x USB 2.0 DRD High-Speed Serial Interfaces 4x UART 5x MCSPI (2) Control Interfaces 6x eHRPWM 1x eCAP 3x eQEP Copyright © 2018, Texas Instruments Incorporated 5x I2C 2x ADC (1) 2x Arm® Cortex –A53 ® Industrial Subsystem 3x PRU_ICSSG (3) (Up to 6x Ethernet ports) 512KB L2 with ECC GPU Memory Subsystem DDRSS with ECC GPMC Video Input CAL MIPI CSI-2 LVDSRX Navigator Subsystem MCU Island 2x Arm Cortex -R5F ® ® 1x USB 3.1 DRD (3) 2x RTI/WWDT System Services 12x GP Timers PDMA Debug PDMA BT.656/1120 2x Arm® Cortex –A53 ® 512KB L2 with ECC DMSC Security Accelerators AES AES AES PKA AES MD5 AES SHA AES DRBG AES 3DES 2x OSPI or 1x OSPI + 1x Hyperbus (1) MSMC 2MB SRAM with ECC ELM 3x MCSPI (1)(2) 1x UART (1) 1x I2C (1) 2x MCAN-FD (1) (With optional Lockstep) 10/100/1000 Ethernet (1) PDMA 4x RTI/WWDT UDMA Proxy 2x PVU CPTS RA MCRC INTR 12x Mailbox Spinlock 3x INTA 2x TIMER_MGR Channelized FW Display Subsystem PDMA MIPI DPI Open LDI 2x Video Pipeline Blend/Scale/CSC Navigator Subsystem UDMA Proxy MCRC RA INTR INTA Channelized FW 2x RTI/WWDT 4x GP Timers PDMA ESM Scratchpad RAM 512B MCU_MSRAM 512KB ESM 237 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated 6.2 Functional Block Diagram (1) This interface is located on the MCU Island but is available for the full system to access. (2) One port is internally connected only; not connected to any pins. (3) SGMII, USB3.1 and PCIe share a total of two SerDes lanes. Figure 6-1. AM654x, AM652x Block Diagram |