| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM6526 bảng dữ liệu(PDF) 225 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6526 bảng dữ liệu(HTML) 225 Page - Texas Instruments |
|
225 / 299 page ![]() PRUR3L Start Bit Data Bits PRG _UART0_TXD i SPRS91x_TIMING_PRU_UART_01 PRUR3H PRUR1L Data Bits Bit Start PRG _UART0_RXD i PRUR1H (1) (1) (1) i in PRG _UART0_RXD and PRG _UART0_TXD = 0, 1 or 2 i i EDC_LATCHx_IN PRLA2 SPRSP08_TIMING_PRU_IEP_02 PRLA1 225 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Specifications Copyright © 2017–2018, Texas Instruments Incorporated (1) P = PRU-ICSS IEP clock source period. Figure 5-114. PRU_ICSSG PRU IEP LATCHx_IN Timing 5.11.5.21.4 PRU_ICSSG Universal Asynchronous Receiver Transmitter (PRU-ICSS UART) 5.11.5.21.4.1 PRU_ICSSG UART Electrical Data and Timing Table 5-105. PRU_ICSSG UART Timing Requirements NO. PARAMETER DESCRIPTION MODE MIN MAX UNIT PRUR1H tw(RXH) Pulse Duration, Receive start, stop, data bit High 0+U (1) ns PRUR1L tw(RXL) Pulse Duration, Receive start, stop, data bit Low -2+U (1) ns (1) U = UART baud time = 1/programmed baud rate. Table 5-106. PRU_ICSSG UART Switching Characteristics NO. PARAMETER DESCRIPTION MODE MIN MAX UNIT PRUR2 f(baud) Maximum programmable baud rate PRUR3L tw(TXH) Pulse Duration, Transmit start, stop, data bit High 0+U(1) ns PRUR3H tw(TXL) Pulse Duration, Transmit start, stop, data bit Low -2+U(1) ns (1) U = UART baud time = 1/programmed baud rate. Figure 5-115. PRU_ICSSG UART Timing 5.11.5.21.5 PRU_ICSSG Enhanced Capture Peripheral (PRU-ICSS ECAP) 5.11.5.21.5.1 PRU_ICSSG ECAP Electrical Data and Timing Table 5-107. PRU_ICSSG ECAP Timing Requirements NO. PARAMETER DESCRIPTION MODE MIN MAX UNIT PREP1 tw(CAP) Pulse Duration, Capture input (asynchronous) 2+2*P (1) ns PREP2 tw(SYNCI) Pulse Duration, Sync input (asynchronous) 2+2*P (1) ns |