| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72F521R6TC bảng dữ liệu(PDF) 195 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F521R6TC bảng dữ liệu(HTML) 195 Page - STMicroelectronics |
|
195 / 199 page ![]() ST72521M/R/AR 195/199 DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d) 14.3 DEVELOPMENT TOOLS STMicroelectronics offers a range of hardware and software development tools for the ST7 micro- controller family. Full details of tools available for the ST7 from third party manufacturers can be ob- tain from the STMicroelectronics Internet site: ª http//mcu.st.com. Tools from these manufacturers include C compli- ers, emulators and gang programmers. ST Emulators The emulator is delivered with everything (probes, TEB, adapters etc.) needed to start emulating the devices. To configure the emulator to emulate dif- ferent ST7 subfamily devices, the active probe for the ST7 EMU3 can be changed and the ST7EMU3 probe is designed for easy interchange of TEBs (Target Emulation Board). See Table 30 for more details. 14.3.1 Socket and Emulator Adapter Information For information on the type of socket that is sup- plied with the emulator, refer to the suggested list of sockets in Table 31. Note: Before designing the board layout, it is rec- ommended to check the overall dimensions of the socket as they may be greater than the dimen- sions of the device. For footprint and other mechanical information about these sockets and adapters, refer to the manufacturer’s datasheet (www.yamaichi.de for TQFP64 10 x 10 and TQFP80 14 x 14 and www.cabgmbh.com for TQFP64 14 x 14).. Table 30. STMicroelectronics Development Tools Note: 1. Flash Programming interface for FLASH devices. Table 31. Suggested List of Socket Types Supported Products ST7 Evaluation Board ST7 Emulator Active Probe & T.E.B. ST7 Programming Board ST72521(A)R, ST72F521(A)R ST72521M, ST72F521M ST7MDT2-TRAIN/ EU ST7MDT2- TRAIN/US ST7MDT2-TRAIN/ UK ST7CAN- DEMO ST7MDT20M- EMU3 ST7MDT20M- TEB ST7MDT20M-EPB/EU ST7MDT20M-EPB/US ST7MDT20M-EPB/UK Device Socket (supplied with ST7MDT20M- EMU3) Emulator Adapter (supplied with ST7MDT20M-EMU3) TQFP64 14 x14 CAB 3303262 CAB 3303351 TQFP64 10 x10 YAMAICHI IC149-064-*75-*5 YAMAICHI ICP-064-6 TQFP80 14 X 14 YAMAICHI IC149-080-*51-*5 YAMAICHI ICP-080-7 |