công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB91F522DWDPMC bảng dữ liệu(PDF) 136 Page - Cypress Semiconductor

tên linh kiện MB91F522DWDPMC
Giải thích chi tiết về linh kiện  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F522DWDPMC bảng dữ liệu(HTML) 136 Page - Cypress Semiconductor

Back Button MB91F522DWDPMC Datasheet HTML 132Page - Cypress Semiconductor MB91F522DWDPMC Datasheet HTML 133Page - Cypress Semiconductor MB91F522DWDPMC Datasheet HTML 134Page - Cypress Semiconductor MB91F522DWDPMC Datasheet HTML 135Page - Cypress Semiconductor MB91F522DWDPMC Datasheet HTML 136Page - Cypress Semiconductor MB91F522DWDPMC Datasheet HTML 137Page - Cypress Semiconductor MB91F522DWDPMC Datasheet HTML 138Page - Cypress Semiconductor MB91F522DWDPMC Datasheet HTML 139Page - Cypress Semiconductor MB91F522DWDPMC Datasheet HTML 140Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 136 of 280
MB91520 Series
DC Characteristics
(TA: -40 °C to +105 °C, VCC = AVcc = 5.0 V ± 10 %/3.3 V ± 0.3 V, VSS = AVSS = 0.0 V)
Parameter
Symbol
Pin
Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power
supply
current
ICC5
VCC
Operating frequency FCP = 80 MHz,
Fcpp = 40 MHz, at normal operation
-
60
80
mA
Operating frequency FCP = 80 MHz,
Fcpp = 40 MHz, at Flash write
-
70
90
mA
Operating frequency FCP = 80 MHz,
Fcpp = 40 MHz, at Flash erase
-
70
90
mA
Operating frequency FCP = 64 MHz,
Fcpp = 32 MHz, at normal operation
-
54
71
mA
Operating frequency FCP = 64 MHz,
Fcpp = 32 MHz, at Flash write
-
64
81
mA
Operating frequency FCP = 64 MHz,
Fcpp = 32 MHz, at Flash erase
-
64
81
mA
Operating frequency FCP = 48 MHz,
Fcpp = 24 MHz, at normal operation
-
46
62
mA
Operating frequency FCP = 48 MHz,
Fcpp = 24 MHz, at Flash write
-
56
72
mA
Operating frequency FCP = 48 MHz,
Fcpp = 24 MHz, at Flash erase
-
56
72
mA
ICCS5
Operating frequency FCP = 80 MHz,
Fcpp = 40 MHz, at CPU sleep mode
-
45
61
mA
ICCBS5
Operating frequency FCP = 80 MHz,
Fcpp = 40 MHz, at bus sleep mode
-
23
51
mA
ICCT5
Watch
mode
When using crystal 4
MHz TA = +25 °C*
-
1500
2610
µA
When using built-in CR
clock 50 kHz
TA = +25 °C*
-
450
2000
When using sub clock
32 kHz
TA = +25 °C*
-
460
2000
ICCH5
Stop mode
TA = +25 °C*
-
450
2000
µA
ICCT52
Watch
mode
(power off)
When using crystal 4
MHz TA = +25 °C*
-
1100
1300
µA
LVD/
RTC
operation,
Backup RAM
8 KB
retention
When using built-in CR
clock 50 kHz ,
TA = +25 °C*
-
77
267
When using sub clock
32 kHz
TA = +25 °C*
-
100
285
ICCH52
Stop mode
(power off)
TA = +25 °C*
-
74
265
µA
Backup RAM
8 KB
retention



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com