công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB91F522BKBPMC1 bảng dữ liệu(PDF) 133 Page - Cypress Semiconductor

tên linh kiện MB91F522BKBPMC1
Giải thích chi tiết về linh kiện  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F522BKBPMC1 bảng dữ liệu(HTML) 133 Page - Cypress Semiconductor

Back Button MB91F522BKBPMC1 Datasheet HTML 129Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 130Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 131Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 132Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 133Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 134Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 135Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 136Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 137Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 133 of 280
MB91520 Series
11. Electrical Characteristics
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage *1,*2
VCC
VSS-0.3
VSS+6.0
V
Analog power supply voltage *1,*2
AVCC
VSS-0.3
VSS+6.0
V
AVRH
≤ AVCC ≤
VCC
Analog reference voltage *1
AVRH
VSS-0.3
VSS+6.0
V
AVRH
≤ AVCC
Input voltage *1
VI
VSS-0.3
VCC+0.3
V
Analog pin input voltage *1
VIA5
VSS-0.3
VCC+0.3
V
Output voltage *1
Vo
VSS-0.3
VCC+0.3
V
Maximum clamp current
ICLAMP
-
4.0
mA
*6
Total maximum clamp current
Σ|ICLAMP|
-
20
mA
*6
"L" level maximum output current *3
IOL1
-
15
mA
IOL2
-
30
mA
"L" level average output current *4
IOLAV1
-
4
mA
*9
IOLAV2
-
12
mA
*10
"L" level total output current *5
ΣIOL1
-
100
mA
ΣIOL2
-
120
mA
"H" level maximum output current*3
IOH1
-
-15
mA
IOH2
-
-30
mA
"H" level average output current*4
IOHAV1
-
-4
mA
*9
IOHAV2
-
-12
mA
*10
"H" level total output current *5
ΣIOH1
-
-100
mA
ΣIOH2
-
-120
mA
Power
consumption
TA: -40 °C to +105 °C
PD
-
882
mW
*8
TA: -40 °C to +125 °C
-
675
mW
*8
Operating temperature
TA
-40
+105
°C
-40
+125
°C
*7
Storage temperature
Tstg
-55
+150
°C
*1: These parameters are based on the condition that VSS = AVSS = 0.0 V
*2: Caution must be taken that AVCC, AVRH do not exceed VCC upon power-on and under other circumstances.
*3: The maximum output current is defined as the value of the peak current flowing through any one of the corresponding pins.
*4: The average output current is defined as the value of the average current flowing through any one of the corresponding pins for
a 10 ms period. The average value is the operation current × the operation ratio.
*5: The total output current is defined as the maximum current value flowing through all of corresponding pins.
*6:
· Corresponding pins: all general-purpose ports except P035, 041, 093, 122.
· Use within recommended operating conditions.
· Use at DC voltage (current).
· The + B signal should always be applied by connecting a limiting resistor between the + B signal and the microcontroller.
· The value of the limiting resistor should be set so that the current input to the microcontroller pin does not exceed rated
values at any time regardless of instantaneously or constantly when the + B signal is input.
· Note that when the microcontroller drive current is low, such as in the low power consumption modes, the + B input potential
can increase the potential at the VCC pin via a protective diode, possibly affecting other devices.
· Note that if the + B signal is input when the microcontroller is off (not fixed at 0 V), since the power is supplied through the
pin, the microcontroller may operate incompletely.
· Note that if the +B signal is input at power-on, since the power is supplied through the pin, the power-on reset may not
function in the power supply voltage.
· Do not leave + B input pins open.
*7: When it is used under this condition, contact your sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com