công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB91F525BKBPMC1 bảng dữ liệu(PDF) 176 Page - Cypress Semiconductor

tên linh kiện MB91F525BKBPMC1
Giải thích chi tiết về linh kiện  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525BKBPMC1 bảng dữ liệu(HTML) 176 Page - Cypress Semiconductor

Back Button MB91F525BKBPMC1 Datasheet HTML 172Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 173Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 174Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 175Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 176Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 177Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 178Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 179Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 180Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 176 of 280
MB91520 Series
(4-4) I2C timing
(TA: -40 °C to +125 °C, VCC = AVCC = 5.0 V ± 10 %/VCC = AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V)
Parameter
Symbol
Pin Name
Conditions
Standard Mode
Fast Mode*3
Unit
Remarks
Min
Max
Min
Max
SCL clock frequency
fSCL
SCK3 to
SCK11
CL = 50 pF
R = (VP/IOL) *1
0
100
0
400
kHz
Repeat "start" condition
hold time
SDA ↓ → SCL ↓
tHDSTA
SOT3 to
SOT11,
(SDA)
SCK3 to
SCK11,
(SCL)
4.0
–
0.6
–
μs
Period of "L" for SCL
clock
tLOW
SCK3 to
SCK11,
(SCL)
4.7
–
1.3
–
μs
Period of "H" for SCL
clock
tHIGH
SCK3 to
SCK11,
(SCL)
4.0
–
0.6
–
μs
Repeat "start" condition
setup time
SCL ↑ → SDA ↓
tSUSTA
SCK3 to
SCK11,
(SCL)
4.7
–
0.6
–
μs
Data hold time
SCL ↓ → SDA ↓ ↑
tHDDAT
SOT3 to
SOT11,
(SDA)
SCK3 to
SCK11,
(SCL)
0
3.45*2
0
0.9*3
μs
Data setup time
SDA ↓ ↑ → SCL ↑
tSUDAT
SOT3 to
SOT11,
(SDA)
SCK3 to
SCK11,
(SCL)
250
–
100
–
ns
"Stop" condition setup
time
SCL ↑ → SDA ↑
tSUSTO
SOT3 to
SOT11,
(SDA)
SCK3 to
SCK11,
(SCL)
4.0
–
0.6
–
μs
Bus-free time between
"stop" condition and
"start" condition
tBUF
–
4.7
–
1.3
–
μs
Noise filter
tSP
–
–
2tCPP*4
–
2tCPP*4
–
ns
Notes: Only ch.3 and ch.4 are standard mode/fast mode correspondence. In ch.5-ch.8, ch.10, and ch.11, only a standard mode is
correspondences.
*1: R and CL represent the pull-up resistance and load capacitance of the SCL and SDA output lines,
respectively.
Vp shows that the power-supply voltage of the pull-up resistor and IOL shows the VOL guarantee current.
*2: The maximum tHDDAT only has to be met if the device does not extend the "L" width (tLOW) of the SCL signal.
*3: A fast mode I2C bus device can be used on a standard mode I2C bus system as long as the device satisfies the requirement of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com