công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB91F522DKBPMC bảng dữ liệu(PDF) 275 Page - Cypress Semiconductor

tên linh kiện MB91F522DKBPMC
Giải thích chi tiết về linh kiện  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F522DKBPMC bảng dữ liệu(HTML) 275 Page - Cypress Semiconductor

Back Button MB91F522DKBPMC Datasheet HTML 271Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 272Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 273Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 274Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 275Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 276Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 277Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 278Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 279Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 275 of 280
MB91520 Series
Document History
Document Title: MB91520 Series 32-bit FR81S Microcontroller
Document Number: 002-04662
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
Initial release

Features:
Corrected the following description.
5V tolerant input: 4 channels ch.6, ch.8, ch.9, ch.11 Automotive input
↓
5V tolerant input: 4 channels ch.6, ch.8, ch.9, ch.11 CMOS hysteresis input
I/O CIRCUIT TYPE:
Corrected the following description to "Type F, G, I, J, K, M".
Schmitt input → CMOS hysteresis input
Corrected the following description to "Type D, E".
I2C Schmitt input
→ I2C hysteresis input
Block Diagram
Corrected the following description.
•
MB91F522B, MB91F523B, MB91F524B, MB91F525B, MB91F526B
•
MB91F522D, MB91F523D, MB91F524D, MB91F525D, MB91F526D
•
MB91F522F, MB91F523F, MB91F524F, MB91F525F, MB91F526F
•
MB91F522J, MB91F523J, MB91F524J, MB91F525J, MB91F526J
•
MB91F522K, MB91F523K, MB91F524K, MB91F525K, MB91F526K
•
MB91F522L, MB91F523L, MB91F524L, MB91F525L, MB91F526L
Electrical Characteristics
2. Recommended operating conditions:
*1:When it is used outside recommended operation guarantee range (range of the
operation guarantee),contact your sales representative. Moreover, minimum value with
an effective external low-voltage detection reset becomes a voltage until generating
low-voltage detection reset
Electrical Characteristics
3.DC characteristics
Corrected the value of "ICCT5 When using sub clock 32kHz TA=+25°C
". Max 1420µA → Max 2000µA
Corrected the value of "Power supply voltage range".
(TA:-40°C to +105°C,Vcc=AVcc=2.7V to 5.5V,VSS=AVSS=0.0V)
↓
(TA:-40°C to +105°C,Vcc=AVcc=5.0V±10%/3.3V±0.3V,VSS=AVSS=0.0V)
Corrected the value of "Power supply voltage range".
(TA:-40°C to +125°C,Vcc=AVcc=2.7V to 5.5V,VSS=AVSS=0.0V)
↓
(TA:-40°C to +125°C,Vcc=AVcc=5.0V±10%/3.3V±0.3V,VSS=AVSS=0.0V)
Corrected the value of " Pull-up resistance RUP1".
Vcc=3.3V±0.3V Min
49 Max 140 →Min 45 Max 140
Corrected the following description.
Pull-up resistance RUP2
Port pin other than P035,041,093,122 → P073,074,076,077
Corrected the value of " Pull-up resistance RUP2".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com