công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS-112 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện ADS-112
Giải thích chi tiết về linh kiện  12-Bit, 1MHz, Low-Power Sampling A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

ADS-112 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  ADS-112 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-112 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-112 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-112 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-112 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-112 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
®
®
ADS-112
3
has an internal pull-up resistor on this pin. To obtain
complementary binary or complementary offset binary
output coding, tie pin 18 to ground. The pin 18 signal is
compatible with CMOS/TTL logic levels for those users
desiring dynamic control of this function.
5. To enable the three-state outputs, connect ENABLE (pin 17)
to a logic "0" (low). To disable, connect pin 17 to a logic "1"
(high).
6. Do not change the status of pin 18 when EOC is high.
7. Re-initiating the START CONVERT (pin 16) while EOC is a
logic "1" (high) will result in a new conversion sequence.
TIMING
Figure 2 shows the relationship between the various input
signals. The timing shown applies over the operating
temperature range and over the operating power supply
range. These times are guaranteed by design.
TECHNICAL NOTES
1. Applications which are unaffected by endpoint errors or
remove them through software will use the typical connec-
tions shown in Figure 3. Remove system errors or adjust
the small initial errors of the ADS-112 to zero using the
optional external circuitry shown in Figure 4. The external
adjustment circuit has no effect on the throughput rate.
2. For best performance, always connect the analog and
digital ground pins to a ground plane beneath the converter.
The analog and digital grounds are not connected to each
other internally.
3. Bypass the analog and digital supplies and the +10V
reference (pin 21) to ground with 4.7µF, 25V tantalum
electrolytic capacitors in parallel with 0.1µF ceramic
capacitors. Bypass the +10V reference (pin 21) to analog
ground (pin 23).
4. Obtain straight binary/offset binary output coding by tying
COMP BIN (pin 18) to +5V or leaving it open. The device
Figure 2. ADS-112 Timing Diagram
START
CONVERT
INTERNAL S/H
N
N+1
150ns, ±25ns
Acquisition Time
250ns
10ns min.
20ns max.
EOC
20ns max.
Conversion Time
600ns max.
60ns max.
Note: Scale is approximately 50ns per division.
35ns max.
OUTPUT
DATA
DATA N-1 VALID
INVALID
DATA
DATA N VALID
800ns min.
INVALID
DATA
200ns max.
Hold


Số phần tương tự - ADS-112

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-112-C/883 DATEL-ADS-112-C/883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-112-C883 DATEL-ADS-112-C883 Datasheet
106Kb / 1P
   Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112/883 MURATA-PS-ADS-112/883 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-112/883 DATEL-ADS-112/883 Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Mô tả tương tự - ADS-112

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-917 MURATA-PS-ADS-917 Datasheet
191Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
   16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-927 MURATA-PS-ADS-927 Datasheet
152Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-937 MURATA-PS-ADS-937 Datasheet
740Kb / 8P
   16-Bit, 1MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com