| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72324J2 bảng dữ liệu(PDF) 133 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72324J2 bảng dữ liệu(HTML) 133 Page - STMicroelectronics |
|
133 / 156 page ![]() ST72324J/K 133/156 EMC CHARACTERISTICS (Cont’d) True Open Drain Pin Protection The centralized protection (4) is not involved in the discharge of the ESD stresses applied to true open drain pads due to the fact that a P-Buffer and diode to VDD are not implemented. An additional local protection between the pad and VSS (5a & 5b) is implemented to completely absorb the posi- tive ESD discharge. Multisupply Configuration When several types of ground (VSS, VSSA, ...) and power supply (VDD, VAREF, ...) are available for any reason (better noise immunity...), the structure shown in Figure 79 is implemented to protect the device against ESD. Figure 77. Positive Stress on a True Open Drain Pad vs. VSS Figure 78. Negative Stress on a True Open Drain Pad vs. VDD Figure 79. Multisupply Configuration IN VDD VSS (1) (2b) (4) OUT VDD VSS (3b) Main path Path to avoid (5a) (5b) IN VDD VSS (1) (2b) (4) OUT VDD VSS (3b) Main path (3b) (3b) VAREF VSSA VAREF VDD VSS BACK TO BACK DIODE BETWEEN GROUNDS VSSA |