| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72324J2B bảng dữ liệu(PDF) 155 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72324J2B bảng dữ liệu(HTML) 155 Page - STMicroelectronics |
|
155 / 156 page ![]() ST72324J/K 155/156 15 SUMMARY OF CHANGES Revision Main Changes Date 1.6 Changed ITSPR register names to ISPR in Table 2 on page 13 Removed description of TLI from Interrupt chapter Modified CSS functional description (Glitch filtering with PLL on) in Section 6.4.3 on page 28 Removed AVD interrupt Exit from Halt capability in Section 6.4.4.1 on page 28 VPP absolute max changed from 14 to 13V in Section 12.2 on page 113. Modified IDD max values in Section 12.4 on page 118 Updated LVD min rise time rate. Added note and figure on LVD startup behaviour in Section 12.3 on page 114 Updated ADC accuracy data and modified note on negative current injection in Section 10.6 on page 102 Updated PLL characteristics Section 12.5.6 on page 127 External Reset stretch min value changed to 0. in Section 12.9 on page 137 Changed presentation of Option bytes: Byte 0 is displayed left of Byte 1. Option byte default value changed (AVD/LVD on) in section Section 14.1 on page 148 Oct 02 |