công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STLVDS9637BDR bảng dữ liệu (PDF) - STMicroelectronics

STLVDS9637BDR Datasheet PDF - STMicroelectronics
tên linh kiện STLVDS9637BDR
tải về  STLVDS9637BDR tải về

kích thước tập tin   210.35 Kbytes
Page   10 Pages
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Giải thích chi tiết về linh kiện OPERATES WITH A SINGLE 3.3V SUPPLY

STLVDS9637BDR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
STLVDS9637BDR Datasheet PDF - STMicroelectronics

tên linh kiện STLVDS9637BDR
tải về  STLVDS9637BDR Click to download

kích thước tập tin   210.35 Kbytes
Page   10 Pages
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Giải thích chi tiết về linh kiện OPERATES WITH A SINGLE 3.3V SUPPLY

STLVDS9637BDR bảng dữ liệu (HTML) - STMicroelectronics

STLVDS9637BDR Datasheet HTML 1Page - STMicroelectronics STLVDS9637BDR Datasheet HTML 2Page - STMicroelectronics STLVDS9637BDR Datasheet HTML 3Page - STMicroelectronics STLVDS9637BDR Datasheet HTML 4Page - STMicroelectronics STLVDS9637BDR Datasheet HTML 5Page - STMicroelectronics STLVDS9637BDR Datasheet HTML 6Page - STMicroelectronics STLVDS9637BDR Datasheet HTML 7Page - STMicroelectronics STLVDS9637BDR Datasheet HTML 8Page - STMicroelectronics STLVDS9637BDR Datasheet HTML 9Page - STMicroelectronics STLVDS9637BDR Datasheet HTML 10Page - STMicroelectronics

STLVDS9637BDR Thông tin chi tiết sản phẩm

DESCRIPTION
The STLVDS9637, is a differential line receiver that implements the electrical characteristics of low voltage differential signaling (LVDS). This signaling technique lowers the output voltage levels of 5V differential standard levels (such as TIA/EIA-422B) to reduce the power, increase the switching speeds and allow operations with a 3.3V supply rail. This differential receiver provides a valid logical output state with a 3.3V supply rail. It also provides a valid logical output state with a ±100mV differential input voltage within the input common mode voltage range. The input common mode voltage allows 1V of ground potential difference between two LVDS nodes.

■ MEETS OR EXCEEDS THE REQUIREMENTS OF ANSI TIA/EIA-644 STANDARD
■ OPERATES WITH A SINGLE 3.3V SUPPLY
■ DESIGNED FOR SIGNALING RATE UP TO 400Mbps
■ DIFFERENTIAL INPUT THRESHOLDS ±100mV MAX
■ TYPICAL PROPAGATION DELAY TIME OF 2.5ns
■ POWER DISSIPATION 60mW TYPICAL PER RECEIVER AT 200MHz
■ LOW VOLATGE TTL (LVTTL) LOGIC OUTPUT LEVELS
■ OPEN CIRCUIT FAIL SAFE
■ ESD PROTECTION:
   7KV RECEIVER PINS
   3KV ALL PINS VS GND




Số phần tương tự - STLVDS9637BDR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
STLVDS050BD STMICROELECTRONICS-STLVDS050BD Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
STLVDS050BDR STMICROELECTRONICS-STLVDS050BDR Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
STLVDS050BTR STMICROELECTRONICS-STLVDS050BTR Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Mô tả tương tự - STLVDS9637BDR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL33334E INTERSIL-ISL33334E Datasheet
820Kb / 23P
   Operates from a single 3.3V supply
logo
Maxim Integrated Produc...
MAX14882EVKIT MAXIM-MAX14882EVKIT Datasheet
673Kb / 7P
   Operates from a Single 3.3V Supply
Rev 0; 5/18
MAX14880EVKIT MAXIM-MAX14880EVKIT Datasheet
577Kb / 8P
   Operates from a Single 3.3V Supply
Rev 0; 5/17
MAX149X1EVKIT MAXIM-MAX149X1EVKIT Datasheet
2Mb / 9P
   Operates From a Single 3.3V Supply
Rev 1; 7/16
MAX148X1EVKIT MAXIM-MAX148X1EVKIT Datasheet
2Mb / 13P
   Operates From a Single 3.3V Supply
Rev 0; 7/16
MAX14851EVKIT MAXIM-MAX14851EVKIT Datasheet
758Kb / 8P
   Operates from a Single Supply
Rev 0; 11/17
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
   Operates from a Single 5V Supply
Rev 2; 12/18
logo
Texas Instruments
TL712CP TI1-TL712CP_14 Datasheet
946Kb / 17P
[Old version datasheet]   Operates From a Single 5-V Supply
logo
Maxim Integrated Produc...
MAX22506EEVKIT MAXIM-MAX22506EEVKIT Datasheet
478Kb / 7P
   Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21
MAX14775EEVKIT MAXIM-MAX14775EEVKIT Datasheet
594Kb / 6P
   Operates From a Single 3V to 5V Supply
Rev 1; 10/18
More results




Giới thiệu về STMicroelectronics


STMicroelectronics là một nhà sản xuất điện tử và bán dẫn đa quốc gia có trụ sở tại Geneva, Thụy Sĩ.

Công ty cung cấp một loạt các sản phẩm bao gồm vi điều khiển, cảm biến, bộ khuếch đại công suất và mạch tích hợp cho các ứng dụng khác nhau trong thị trường ô tô, công nghiệp và tiêu dùng.

Được thành lập vào năm 1987, STMicroelectronics có hoạt động tại hơn 100 quốc gia và là một trong những công ty bán dẫn lớn nhất thế giới.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com