công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908JB16DW bảng dữ liệu (PDF) - Motorola, Inc

MC68HC908JB16DW Datasheet PDF - Motorola, Inc
tên linh kiện MC68HC908JB16DW
tải về  MC68HC908JB16DW tải về

kích thước tập tin   2659.13 Kbytes
Page   332 Pages
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Giải thích chi tiết về linh kiện Microcontrollers

MC68HC908JB16DW Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MC68HC908JB16DW Datasheet PDF - Motorola, Inc

tên linh kiện MC68HC908JB16DW
tải về  MC68HC908JB16DW Click to download

kích thước tập tin   2659.13 Kbytes
Page   332 Pages
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Giải thích chi tiết về linh kiện Microcontrollers

MC68HC908JB16DW bảng dữ liệu (HTML) - Motorola, Inc

Back Button MC68HC908JB16DW Datasheet HTML 1Page - Motorola, Inc MC68HC908JB16DW Datasheet HTML 2Page - Motorola, Inc MC68HC908JB16DW Datasheet HTML 3Page - Motorola, Inc MC68HC908JB16DW Datasheet HTML 4Page - Motorola, Inc MC68HC908JB16DW Datasheet HTML 5Page - Motorola, Inc MC68HC908JB16DW Datasheet HTML 6Page - Motorola, Inc MC68HC908JB16DW Datasheet HTML 7Page - Motorola, Inc MC68HC908JB16DW Datasheet HTML 8Page - Motorola, Inc MC68HC908JB16DW Datasheet HTML 9Page - Motorola, Inc MC68HC908JB16DW Datasheet HTML 10Page - Motorola, Inc Next Button 

MC68HC908JB16DW Thông tin chi tiết sản phẩm

Introduction

The MC68HC908JB16 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). The M68HC08 Family is based on the customer-specified integrated circuit (CSIC) design strategy.



Features

Features of the MC68HC908JB16 MCU include the following:

• High-performance M68HC08 architecture

• Fully upward-compatible object code with M6805, M146805, and M68HC05 families

• Low-power design; fully static with stop and wait modes

• 6-MHz internal bus frequency

• 16,384 bytes of on-chip FLASH memory with security1 feature

• 384 bytes of on-chip random access memory (RAM)

• Up to 21 general-purpose input/output (I/O) pins, including:

– 15 shared-function I/O pins

– 8-bit keyboard interrupt port

– 10mA high current drive for PS/2 connection on 2 pins (with USB module disabled)

– 1 dedicated I/O pin, with 25mA direct drive for infrared LED (32-pin package)

– 6 dedicated I/O pins, with 25mA direct drive for infrared LED on 2 pins and 10mA direct drive for normal LED on 4 pins (28-pin package)

• Two 16-bit, 2-channel timer interface modules (TIM1 and TIM2) with selectable input capture, output compare, PWM capability on each channel, and external clock input option (TCLK)

• Universal Serial Bus specification 2.0 low-speed functions:

– 1.5Mbps data rate

– On-chip 3.3V regulator

– Endpoint 0 with 8-byte transmit buffer and 8-byte receive buffer

– Endpoint 1 with 8-byte transmit buffer

– Endpoint 2 with 8-byte transmit buffer and 8-byte receive buffer

• Serial communications interface module (SCI)

• Dual clock generator modules (CGM) (32-pin package)

• In-circuit programming capability using USB communication or standard serial link on PTA0 pin

• System protection features:

– Optional computer operating properly (COP) reset

– Optional Low-voltage detection with reset

– Illegal opcode detection with reset

– Illegal address detection with reset

• Master reset pin with internal pull-up and power-on reset

• IRQinterrupt pin with internal pull-up and schmitt-trigger input

• 32-pin low-profile quad flat pack (LQFP) and 28-pin small outline integrated circuit package (SOIC)



 




Số phần tương tự - MC68HC908JB16DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC68HC908JB16DW FREESCALE-MC68HC908JB16DW Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908JB16DW FREESCALE-MC68HC908JB16DW Datasheet
1Mb / 332P
   Microcontrollers
More results


Mô tả tương tự - MC68HC908JB16DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results




Giới thiệu về Motorola, Inc


Motorola, Inc. là một công ty viễn thông đa quốc gia Hoa Kỳ được thành lập vào năm 1928. Nó có trụ sở tại Schaumburg, Illinois và là một trong những nhà cung cấp điện thoại di động, thiết bị viễn thông và chất bán dẫn lớn nhất. Trong suốt lịch sử của mình, Motorola được biết đến với sự đổi mới trong lĩnh vực viễn thông, bao gồm cả sự phát triển của điện thoại di động thương mại đầu tiên trên thế giới, Dynatac và máy nhắn tin hai chiều đầu tiên của thế giới, The PageBoy.

Năm 2011, Motorola chia thành hai công ty riêng biệt: Motorola Mobility và Motorola Solutions. Motorola Mobility sau đó đã được Google mua lại vào năm 2012 và hiện là công ty con của Lenovo. Motorola Solutions tập trung vào các giải pháp truyền thông thương mại và an toàn công cộng và công nghiệp. Công ty cung cấp một loạt các sản phẩm bao gồm radio hai chiều, thiết bị điện toán di động và thiết bị cơ sở hạ tầng mạng.

Motorola là một trong những người tiên phong của ngành công nghiệp điện thoại di động và có một lịch sử phong phú về đổi mới và tiến bộ công nghệ. Di sản của công ty tiếp tục thông qua các công ty con và công nghệ và sản phẩm tiếp tục được sử dụng trên toàn thế giới.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com