công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141539 bảng dữ liệu (PDF) - Motorola, Inc

MC141539 Datasheet PDF - Motorola, Inc
tên linh kiện MC141539
tải về  MC141539 tải về

kích thước tập tin   977.76 Kbytes
Page   19 Pages
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Giải thích chi tiết về linh kiện LCD Segment / Common Driver with Controller

MC141539 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MC141539 Datasheet PDF - Motorola, Inc

tên linh kiện MC141539
tải về  MC141539 Click to download

kích thước tập tin   977.76 Kbytes
Page   19 Pages
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Giải thích chi tiết về linh kiện LCD Segment / Common Driver with Controller

MC141539 bảng dữ liệu (HTML) - Motorola, Inc

Back Button MC141539 Datasheet HTML 1Page - Motorola, Inc MC141539 Datasheet HTML 2Page - Motorola, Inc MC141539 Datasheet HTML 3Page - Motorola, Inc MC141539 Datasheet HTML 4Page - Motorola, Inc MC141539 Datasheet HTML 5Page - Motorola, Inc MC141539 Datasheet HTML 6Page - Motorola, Inc MC141539 Datasheet HTML 7Page - Motorola, Inc MC141539 Datasheet HTML 8Page - Motorola, Inc MC141539 Datasheet HTML 9Page - Motorola, Inc MC141539 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC141539 Thông tin chi tiết sản phẩm

LCD Segment / Common Driver with Controller
CMOS

MC141539 is a CMOS LCD Driver which consists of 4 annunciator outputs and 152 high voltage LCD driving signals (32 commons and 120 segments). It has parallel interface capability for operating with general MCU. Besides the general LCD driver features, it has on chip LCD bias voltage generator circuit such that fewer external components are required during application.

• Single Supply Operation, 2.4 V - 3.5 V
• Operating Temperature Range : -30 to 85°C
• Low Current Stand-by Mode (<500nA)
• On Chip Bias Voltage Generator
• 8 Bit Parallel Interface
• Graphic Mode Operation
• On Chip 480 Byte Graphic Display Data RAM
• 120 Segment Drivers, 32 Common Drivers
• Selectable 1/16 or 1/32 Multiplex Ratio
• Selectable on Chip Voltage Doubler and Tripler
• Selectable 1:5 or 1:7 Bias Ratio
• Re-mapping of Row and Column Drivers
• Four Stand Alone Annunciator Driver Circuits
• Selectable LCD Driving Voltage Temperature Coefficients
• 16 Level Internal Contrast Control
• External Contrast Control Provided
• Master Clear RAM
• Standard TAB Package



Số phần tương tự - MC141539

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141531 MOTOROLA-MC141531 Datasheet
384Kb / 25P
   LCD Segment / Common Driver CMOS
MC141531T MOTOROLA-MC141531T Datasheet
384Kb / 25P
   LCD Segment / Common Driver CMOS
MC141532 MOTOROLA-MC141532 Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
MC141532T MOTOROLA-MC141532T Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
MC141533 MOTOROLA-MC141533 Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
More results


Mô tả tương tự - MC141539

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
   LCD Segment / Common Driver with Controller
SSD1818 ETC1-SSD1818 Datasheet
471Kb / 44P
   LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141800A MOTOROLA-MC141800A Datasheet
533Kb / 34P
   LCD Segment / Common Driver with Controller
logo
List of Unclassifed Man...
SSD0817 ETC1-SSD0817 Datasheet
405Kb / 43P
   LCD Segment / Common Driver with Controller
SSD1815B ETC1-SSD1815B Datasheet
361Kb / 36P
   LCD Segment / Common Driver with Controller
SSD1800 ETC-SSD1800 Datasheet
598Kb / 42P
   LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141532 MOTOROLA-MC141532 Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
logo
List of Unclassifed Man...
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
   LCD Segment / Common Driver With Controller CMOS
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
   LCD Segment / Common Driver with Controller CMOS
More results




Giới thiệu về Motorola, Inc


Motorola, Inc. là một công ty viễn thông đa quốc gia Hoa Kỳ được thành lập vào năm 1928. Nó có trụ sở tại Schaumburg, Illinois và là một trong những nhà cung cấp điện thoại di động, thiết bị viễn thông và chất bán dẫn lớn nhất. Trong suốt lịch sử của mình, Motorola được biết đến với sự đổi mới trong lĩnh vực viễn thông, bao gồm cả sự phát triển của điện thoại di động thương mại đầu tiên trên thế giới, Dynatac và máy nhắn tin hai chiều đầu tiên của thế giới, The PageBoy.

Năm 2011, Motorola chia thành hai công ty riêng biệt: Motorola Mobility và Motorola Solutions. Motorola Mobility sau đó đã được Google mua lại vào năm 2012 và hiện là công ty con của Lenovo. Motorola Solutions tập trung vào các giải pháp truyền thông thương mại và an toàn công cộng và công nghiệp. Công ty cung cấp một loạt các sản phẩm bao gồm radio hai chiều, thiết bị điện toán di động và thiết bị cơ sở hạ tầng mạng.

Motorola là một trong những người tiên phong của ngành công nghiệp điện thoại di động và có một lịch sử phong phú về đổi mới và tiến bộ công nghệ. Di sản của công ty tiếp tục thông qua các công ty con và công nghệ và sản phẩm tiếp tục được sử dụng trên toàn thế giới.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com