công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S12B128 bảng dữ liệu (PDF) - Motorola, Inc

MC9S12B128 Datasheet PDF - Motorola, Inc
tên linh kiện MC9S12B128
tải về  MC9S12B128 tải về

kích thước tập tin   1823.36 Kbytes
Page   128 Pages
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Giải thích chi tiết về linh kiện microcontroller unit (MCU)

MC9S12B128 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MC9S12B128 Datasheet PDF - Motorola, Inc

tên linh kiện MC9S12B128
tải về  MC9S12B128 Click to download

kích thước tập tin   1823.36 Kbytes
Page   128 Pages
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Giải thích chi tiết về linh kiện microcontroller unit (MCU)

MC9S12B128 bảng dữ liệu (HTML) - Motorola, Inc

Back Button MC9S12B128 Datasheet HTML 1Page - Motorola, Inc MC9S12B128 Datasheet HTML 2Page - Motorola, Inc MC9S12B128 Datasheet HTML 3Page - Motorola, Inc MC9S12B128 Datasheet HTML 4Page - Motorola, Inc MC9S12B128 Datasheet HTML 5Page - Motorola, Inc MC9S12B128 Datasheet HTML 6Page - Motorola, Inc MC9S12B128 Datasheet HTML 7Page - Motorola, Inc MC9S12B128 Datasheet HTML 8Page - Motorola, Inc MC9S12B128 Datasheet HTML 9Page - Motorola, Inc MC9S12B128 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC9S12B128 Thông tin chi tiết sản phẩm

Overview

The MC9S12B128 microcontroller unit (MCU) is a 16-bit device composed of standard on-chip

peripherals including a 16-bit central processing unit (CPU12), 128K bytes of Flash EEPROM, 4K bytes of RAM, 1K bytes of EEPROM, two asynchronous serial communications interfaces (SCI), serial peripheral interface (SPI), an input capture/output compare timer (TIM), 16- channel, 10-bit

analog-to-digital converter (ADC), an 8-channel pulse-width modulator (PWM), one CAN 2.0 A, B

software compatible module (MSCAN12) and an Inter-IC Bus. The MC9S12B128 has full 16-bit data paths throughout, however, the external bus can operate in an 8-bit narrow mode so single 8-bit wide memory can be interfaced for lower cost systems. The inclusion of a PLL circuit allows power consumption and performance to be adjusted to suit operational requirements. In addition to the I/O ports available in each module, up to 22 I/O ports are available with Wake-Up capability from STOP or WAIT mode.



Features

• HCS12 Core

– 16-bit HCS12 CPU

i. Upward compatible with M68HC11 instruction set

ii. Interrupt stacking and programmer’s model identical to M68HC11

iii.Instruction queue

iv. Enhanced indexed addressing

– MEBI (Multiplexed External Bus Interface)

– MMC (Module Mapping Control)

– INT (Interrupt control)

– BKP (Breakpoints)

– BDM (Background Debug Mode)

• CRG

– Low current Colpitts or

– Pierce oscillator,

– PLL,

– COP watchdog,

– Real time interrupt,

– Clock monitor

• 8-bit and 4-bit ports with interrupt functionality

– Digital filtering

– Programmable rising or falling edge trigger

• Memory

– 128K Flash EEPROM

– 1K byte EEPROM

– 4K byte RAM

• Analog-to-Digital Converter

– 16-channels for 112 Pin Package, 8 channels for 80 Pin package options

– 10-bit resolution

– External conversion trigger capability

• 1M bit per second, CAN 2.0 A, B software compatible module

– Five receive and three transmit buffers

– Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8x8bit

– Four separate interrupt channels for Rx, Tx, error and wake-up

– Low-pass filter wake-up function

– Loop-back for self test operation

• Input Capture/Output Compare Timer (TIM)

– 16-bit Counter with 7-bit Prescaler

– 8 programmable input capture or output compare channels

– 16-bit Pulse Accumulators

– Simple PWM Mode

– Modulo Reset of Timer Counter

– External Event Counting

– Gated Time Accumulation

• 8 PWM channels

– Programmable period and duty cycle

– 8-bit 8-channel or 16-bit 4-channel

– Separate control for each pulse width and duty cycle

– Center-aligned or left-aligned outputs

– Programmable clock select logic with a wide range of frequencies

– Fast emergency shutdown input

– Usable as interrupt inputs

• Serial interfaces

– Two asynchronous Serial Communications Interfaces (SCI)

– Synchronous Serial Peripheral Interface (SPI)

• Inter-IC Bus (IIC)

– Compatible with I2C Bus standard

– Multi-master operation

– Software programmable for one of 256 different serial clock frequencies

• Internal 2.5V Regulator

– Supports an input voltage range from 2.97V to 5.5V

– Low power mode capability

– Includes low voltage reset (LVR) circuitry

– Includes low voltage interrupt (LVI) circuitry

• 112-Pin LQFP or 80 QFP package

– I/O lines with 5V input and drive capability

– 5V A/D converter inputs

– Operation at 32 MHz equivalent to 16 MHz Bus Speed; Option 50MHz equivalent to 25MHz

Bus Speed

– Development support

– Single-wire background debug™ mode (BDM)

– On-chip hardware breakpoints




Số phần tương tự - MC9S12B128

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC9S12B128 MOTOROLA-MC9S12B128 Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Freescale Semiconductor...
MC9S12B128 FREESCALE-MC9S12B128 Datasheet
125Kb / 14P
   MC9S12B Family 16-bit Microcontroller
logo
Motorola, Inc
MC9S12B128 MOTOROLA-MC9S12B128 Datasheet
1Mb / 132P
   Covers also preliminary MC9S12B64 using MC9S12B128 die
MC9S12B128CFUC MOTOROLA-MC9S12B128CFUC Datasheet
1Mb / 132P
   Covers also preliminary MC9S12B64 using MC9S12B128 die
MC9S12B128CFUM MOTOROLA-MC9S12B128CFUM Datasheet
1Mb / 132P
   Covers also preliminary MC9S12B64 using MC9S12B128 die
More results


Mô tả tương tự - MC9S12B128

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S12DT256 FREESCALE-MC9S12DT256 Datasheet
2Mb / 130P
   Microcontroller Unit (MCU)
MC9S12DP512 FREESCALE-MC9S12DP512 Datasheet
2Mb / 124P
   Microcontroller Unit (MCU)
logo
Motorola, Inc
MC9S12A128 MOTOROLA-MC9S12A128 Datasheet
712Kb / 92P
   Microcontroller unit (MCU)
logo
Freescale Semiconductor...
MC9S12A256 FREESCALE-MC9S12A256 Datasheet
1Mb / 96P
   microcontroller unit (MCU)
logo
Renesas Technology Corp
H83003 RENESAS-H83003 Datasheet
1Mb / 715P
   microcontroller (MCU)
HD6413003RF RENESAS-HD6413003RF Datasheet
1Mb / 715P
   Microcontroller (MCU)
logo
Hitachi Semiconductor
HD6805V1 HITACHI-HD6805V1 Datasheet
609Kb / 21P
   MCU MICROCOMPUTER UNIT
HD65901 HITACHI-HD65901 Datasheet
1Mb / 89P
   MCU(MICROCOMPUTER UNIT)
HD6801S0 HITACHI-HD6801S0 Datasheet
1Mb / 35P
   MCU ( MICROCOMPUTER UNIT )
HD6805W1 HITACHI-HD6805W1 Datasheet
879Kb / 28P
   MCU MICROCOMPUTER UNIT
More results




Giới thiệu về Motorola, Inc


Motorola, Inc. là một công ty viễn thông đa quốc gia Hoa Kỳ được thành lập vào năm 1928. Nó có trụ sở tại Schaumburg, Illinois và là một trong những nhà cung cấp điện thoại di động, thiết bị viễn thông và chất bán dẫn lớn nhất. Trong suốt lịch sử của mình, Motorola được biết đến với sự đổi mới trong lĩnh vực viễn thông, bao gồm cả sự phát triển của điện thoại di động thương mại đầu tiên trên thế giới, Dynatac và máy nhắn tin hai chiều đầu tiên của thế giới, The PageBoy.

Năm 2011, Motorola chia thành hai công ty riêng biệt: Motorola Mobility và Motorola Solutions. Motorola Mobility sau đó đã được Google mua lại vào năm 2012 và hiện là công ty con của Lenovo. Motorola Solutions tập trung vào các giải pháp truyền thông thương mại và an toàn công cộng và công nghiệp. Công ty cung cấp một loạt các sản phẩm bao gồm radio hai chiều, thiết bị điện toán di động và thiết bị cơ sở hạ tầng mạng.

Motorola là một trong những người tiên phong của ngành công nghiệp điện thoại di động và có một lịch sử phong phú về đổi mới và tiến bộ công nghệ. Di sản của công ty tiếp tục thông qua các công ty con và công nghệ và sản phẩm tiếp tục được sử dụng trên toàn thế giới.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com