nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
Fairchild Semiconductor |
ISL9V5036S3ST
|
174Kb / 8P |
EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
|
ISL9V5036P3
|
354Kb / 7P |
EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
|
FGB3236
|
583Kb / 10P |
FGB3236_F085 / FGI3236_F085 EcoSPARKTM 320mJ, 360V, N-Channel Ignition IGBT
|
ISL9V5036P3_F085
|
361Kb / 8P |
ISL9V5036S3S / ISL9V5036P3 / ISL9V5036S3 EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
|
ISL9V5045S3S
|
229Kb / 9P |
EcoSPARK N-Channel Ignition IGBT
|
ISL9V2540S3S
|
184Kb / 9P |
EcoSPARK N-Channel Ignition IGBT
|
ISL9V5045S3ST_F085
|
251Kb / 7P |
ISL9V5045S3ST_F085 EcoSPARK N-Channel Ignition IGBT
|
ISL9V2540S3ST
|
372Kb / 9P |
EcoSPARK N-Channel Ignition IGBT 250mJ, 400V
|
ON Semiconductor |
FGD3245G2-F085
|
1Mb / 8P |
EcoSPARK짰2 320mJ, 450V, N-Channel Ignition IGBT
August-2017, Rev. 3 |
Fairchild Semiconductor |
ISL9V5036S3S
|
173Kb / 8P |
EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
|