công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G20N60B3 bảng dữ liệu (PDF) - Fairchild Semiconductor

G20N60B3 Datasheet PDF - Fairchild Semiconductor
tên linh kiện G20N60B3
tải về  G20N60B3 tải về

kích thước tập tin   179.52 Kbytes
Page   7 Pages
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Giải thích chi tiết về linh kiện 40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

G20N60B3 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
G20N60B3 Datasheet PDF - Fairchild Semiconductor

tên linh kiện G20N60B3
tải về  G20N60B3 Click to download

kích thước tập tin   179.52 Kbytes
Page   7 Pages
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Giải thích chi tiết về linh kiện 40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

G20N60B3 bảng dữ liệu (HTML) - Fairchild Semiconductor

G20N60B3 Datasheet HTML 1Page - Fairchild Semiconductor G20N60B3 Datasheet HTML 2Page - Fairchild Semiconductor G20N60B3 Datasheet HTML 3Page - Fairchild Semiconductor G20N60B3 Datasheet HTML 4Page - Fairchild Semiconductor G20N60B3 Datasheet HTML 5Page - Fairchild Semiconductor G20N60B3 Datasheet HTML 6Page - Fairchild Semiconductor G20N60B3 Datasheet HTML 7Page - Fairchild Semiconductor

G20N60B3 Thông tin chi tiết sản phẩm

The HGTG20N60B3D is a MOS gated high voltage switching device combining the best features of MOSFETs and bipolar transistors. The device has the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only moderately between 25℃ and 150℃. The diode used in anti-parallel with the IGBT is the RHRP3060.

Features
• 40A, 600V at TC = 25℃
• Typical Fall Time. . . . . . . . . . . . . . . . . . . . 140ns at 150℃
• Short Circuit Rated
• Low Conduction Loss
• Hyperfast Anti-Parallel Diode




Số phần tương tự - G20N60B3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
G20N60 INFINEON-G20N60 Datasheet
364Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.4 Nov 09
logo
Fairchild Semiconductor
G20N60C3 FAIRCHILD-G20N60C3 Datasheet
144Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
logo
Infineon Technologies A...
G20N60HS INFINEON-G20N60HS Datasheet
426Kb / 11P
   High Speed IGBT in NPT-technology
Rev.2 Aug-02
More results


Mô tả tương tự - G20N60B3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
HGTG20N60B3D INTERSIL-HGTG20N60B3D Datasheet
135Kb / 6P
   40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG12N60C3D INTERSIL-HGTG12N60C3D Datasheet
98Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG30N60B3D INTERSIL-HGTG30N60B3D Datasheet
109Kb / 7P
   60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Harris Corporation
HGTP3N60C3D HARRIS-HGTP3N60C3D_07 Datasheet
394Kb / 11P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG20N60C3D FAIRCHILD-HGTG20N60C3D Datasheet
123Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG20N60C3D INTERSIL-HGTG20N60C3D Datasheet
82Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP3N60B3D INTERSIL-HGTP3N60B3D Datasheet
154Kb / 7P
   7A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Harris Corporation
HGTG12N60C3D HARRIS-HGTG12N60C3D Datasheet
102Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG30N60C3D HARRIS-HGTG30N60C3D Datasheet
131Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG12N60C3D FAIRCHILD-HGTG12N60C3D Datasheet
124Kb / 8P
   24A, 600V, UFS SERIES N-CHANNEL IGBT WITH ANTI-PARALLEL HYPERFAST DIODE
More results




Giới thiệu về Fairchild Semiconductor


Chất bán dẫn Fairchild là một công ty bán dẫn tiên phong được thành lập vào cuối những năm 1950.
Công ty được biết đến với sự đổi mới trong việc phát triển bóng bán dẫn thương mại đầu tiên và vì những đóng góp của nó cho sự tiến bộ của công nghệ mạch tích hợp.
Fairchild trở thành nhà cung cấp hàng đầu các chất bán dẫn, các mạch tích hợp tín hiệu tương tự và hỗn hợp và các sản phẩm bán dẫn khác.
Công ty đã được mua lại bởi chất bán dẫn vào năm 2016 và các sản phẩm và công nghệ của họ tiếp tục được phát triển và bán dưới thương hiệu bán dẫn trên.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com