công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9193-18GB bảng dữ liệu (PDF) - Richtek Technology Corporation

RT9193-18GB Datasheet PDF - Richtek Technology Corporation
tên linh kiện RT9193-18GB
tải về  RT9193-18GB tải về

kích thước tập tin   195.59 Kbytes
Page   14 Pages
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Giải thích chi tiết về linh kiện Ultra Low Noise for RF Application, Ultra Fast Response in Line/Load Transient

RT9193-18GB Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
RT9193-18GB Datasheet PDF - Richtek Technology Corporation

tên linh kiện RT9193-18GB
tải về  RT9193-18GB Click to download

kích thước tập tin   195.59 Kbytes
Page   14 Pages
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Giải thích chi tiết về linh kiện Ultra Low Noise for RF Application, Ultra Fast Response in Line/Load Transient

RT9193-18GB bảng dữ liệu (HTML) - Richtek Technology Corporation

Back Button RT9193-18GB Datasheet HTML 1Page - Richtek Technology Corporation RT9193-18GB Datasheet HTML 2Page - Richtek Technology Corporation RT9193-18GB Datasheet HTML 3Page - Richtek Technology Corporation RT9193-18GB Datasheet HTML 4Page - Richtek Technology Corporation RT9193-18GB Datasheet HTML 5Page - Richtek Technology Corporation RT9193-18GB Datasheet HTML 6Page - Richtek Technology Corporation RT9193-18GB Datasheet HTML 7Page - Richtek Technology Corporation RT9193-18GB Datasheet HTML 8Page - Richtek Technology Corporation RT9193-18GB Datasheet HTML 9Page - Richtek Technology Corporation RT9193-18GB Datasheet HTML 10Page - Richtek Technology Corporation Next Button 

RT9193-18GB Thông tin chi tiết sản phẩm

General Description

The RT9193 is designed for portable RF and wireless applications with demanding performance and space requirements. The RT9193 performance is optimized for battery-powered systems to deliver ultra low noise and

low quiescent current. A noise bypass pin is available for further reduction of output noise. Regulator ground current increases only slightly in dropout, further prolonging the battery life. The RT9193 also works with low-ESR ceramic capacitors, reducing the amount of board space necessary for power applications, critical in hand-held wireless devices. The RT9193 consumes less than 0.01μA in shutdown mode and has fast turn-on time less than 50μs.



Features

Ultra-Low-Noise for RF Application

Ultra-Fast Response in Line/Load Transient

Quick Start-Up (Typically 50μs)

< 0.01μA Standby Current When Shutdown

Low Dropout : 220mV @ 300mA

Wide Operating Voltage Ranges : 2.5V to 5.5V

TTL-Logic-Controlled Shutdown Input

Low Temperature Coefficient

Current Limiting Protection

Thermal Shutdown Protection

Only 1μF Output Capacitor Required for Stability

High Power Supply Rejection Ratio

Custom Voltage Available

RoHS Compliant and 100% Lead (Pb)-Free



Applications

CDMA/GSM Cellular Handsets

Battery-Powered Equipment

Laptop, Palmtops, Notebook Computers

Hand-Held Instruments

PCMCIA Cards

Portable Information Appliances




Số phần tương tự - RT9193-18GB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Richtek Technology Corp...
RT9193-18PB RICHTEK-RT9193-18PB Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-18PB RICHTEK-RT9193-18PB Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-18PQV RICHTEK-RT9193-18PQV Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-18PQV RICHTEK-RT9193-18PQV Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-18PQW RICHTEK-RT9193-18PQW Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Mô tả tương tự - RT9193-18GB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Richtek Technology Corp...
RT9193-29GB RICHTEK-RT9193-29GB Datasheet
195Kb / 14P
   Ultra Low Noise for RF Application, Ultra Fast Response in Line/Load Transient
RT9198-33GBR RICHTEK-RT9198-33GBR Datasheet
275Kb / 18P
   Low-Noise for RF Application, Fast Response in Line/Load Transient
logo
Leshan Radio Company
LR9198 LRC-LR9198_15 Datasheet
734Kb / 12P
   Ultra-low Noise for RF Application
logo
Lowpower Semiconductor ...
LP3983H POWER-LP3983H Datasheet
512Kb / 10P
   Ultra-Low-Noise for RF Application
LP3987H POWER-LP3987H Datasheet
428Kb / 9P
   Ultra-Low-Noise for RF Application
logo
M.S. Kennedy Corporatio...
MSK5251-15 MSK-MSK5251-15 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-09 MSK-MSK5251-09 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-08 MSK-MSK5251-08 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-13 MSK-MSK5251-13 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-12 MSK-MSK5251-12 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
More results



Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com