công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD621ANZ bảng dữ liệu (PDF) - Analog Devices

AD621ANZ Datasheet PDF - Analog Devices
tên linh kiện AD621ANZ
tải về  AD621ANZ tải về

kích thước tập tin   520.87 Kbytes
Page   16 Pages
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices
Giải thích chi tiết về linh kiện Low Drift, Low Power Instrumentation Amplifier

AD621ANZ Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
AD621ANZ Datasheet PDF - Analog Devices

tên linh kiện AD621ANZ
tải về  AD621ANZ Click to download

kích thước tập tin   520.87 Kbytes
Page   16 Pages
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices
Giải thích chi tiết về linh kiện Low Drift, Low Power Instrumentation Amplifier

AD621ANZ bảng dữ liệu (HTML) - Analog Devices

Back Button AD621ANZ Datasheet HTML 1Page - Analog Devices AD621ANZ Datasheet HTML 2Page - Analog Devices AD621ANZ Datasheet HTML 3Page - Analog Devices AD621ANZ Datasheet HTML 4Page - Analog Devices AD621ANZ Datasheet HTML 5Page - Analog Devices AD621ANZ Datasheet HTML 6Page - Analog Devices AD621ANZ Datasheet HTML 7Page - Analog Devices AD621ANZ Datasheet HTML 8Page - Analog Devices AD621ANZ Datasheet HTML 9Page - Analog Devices AD621ANZ Datasheet HTML 10Page - Analog Devices Next Button 

AD621ANZ Thông tin chi tiết sản phẩm

PRODUCT DESCRIPTION
The AD621 is an easy to use, low cost, low power, high accuracy instrumentation amplifier that is ideally suited for a wide range of applications. Its unique combination of high performance, small size and low power, outperforms discrete in amp implementations. High functionality, low gain errors, and low gain drift errors are achieved by the use of internal gain setting resistors. Fixed gains of 10 and 100 can easily be set via external pin strapping. The AD621 is fully specified as a total system, therefore, simplifying the design process.
For portable or remote applications, where power dissipation, size, and weight are critical, the AD621 features a very low supply current of 1.3 mA max and is packaged in a compact 8-lead SOIC, 8-lead plastic DIP or 8-lead cerdip. The AD621 also excels in applications requiring high total accuracy, such as precision data acquisition systems used in weigh scales and transducer interface circuits. Low maximum error specifications including nonlinearity of 10 ppm, gain drift of 5 ppm/°C, 50 µV offset voltage, and 0.6 µV/°C offset drift (“B” grade), make possible total system performance at a lower cost than has been previously achieved with discrete designs or with other monolithic instrumentation amplifiers.
When operating from high source impedances, as in ECG and blood pressure monitors, the AD621 features the ideal combination of low noise and low input bias currents. Voltage noise is specified as 9 nV/√Hz at 1 kHz and 0.28 µV p-p from 0.1 Hz to 10 Hz. Input current noise is also extremely low at 0.1 pA/√Hz.
The AD621 outperforms FET input devices with an input bias current specification of 1.5 nA max over the full industrial temperature range.

FEATURES
   EASY TO USE
   Pin-Strappable Gains of 10 and 100
   All Errors Specified for Total System Performance
   Higher Performance than Discrete In Amp Designs
   Available in 8-Lead DIP and SOIC
   Low Power, 1.3 mA Max Supply Current
   Wide Power Supply Range (±2.3 V to ±18 V)

EXCELLENT DC PERFORMANCE
   0.15% Max, Total Gain Error
   ±5 ppm/°C, Total Gain Drift
   125 μV Max, Total Offset Voltage
   1.0 μV/°C Max, Offset Voltage Drift

LOW NOISE
   9 nV/√Hz, @ 1 kHz, Input Voltage Noise
   0.28 μV p-p Noise (0.1 Hz to 10 Hz)

EXCELLENT AC SPECIFICATIONS
   800 kHz Bandwidth (G = 10), 200 kHz (G = 100)
   12 μs Settling Time to 0.01%

APPLICATIONS
   Weigh Scales
   Transducer Interface and Data Acquisition Systems
   Industrial Process Controls
   Battery-Powered and Portable Equipment




Số phần tương tự - AD621ANZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD621AN AD-AD621AN Datasheet
530Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621AN AD-AD621AN Datasheet
502Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
More results


Mô tả tương tự - AD621ANZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD621 AD-AD621_15 Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621 AD-AD621_16 Datasheet
619Kb / 17P
   Low Drift, Low Power Instrumentation Amplifier
AD621BRZ AD-AD621BRZ Datasheet
502Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621BNZ AD-AD621BNZ Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621 AD-AD621 Datasheet
530Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
Burr-Brown (TI)
3626 BURR-BROWN-3626 Datasheet
295Kb / 4P
   Low Drift INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
581Kb / 24P
   Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
   Low Gain Drift Precision Instrumentation Amplifier
AD8428 AD-AD8428 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
ADA4254 AD-ADA4254 Datasheet
1Mb / 59P
   Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
More results




Giới thiệu về Analog Devices


Analog Devices, Inc. (ADI) là một công ty giao dịch công khai, thiết kế, phát triển và sản xuất các mạch tích hợp tín hiệu tương tự, tín hiệu hỗn hợp và tín hiệu số (DSP) (ICS).
Công ty được thành lập vào năm 1965 và có trụ sở tại Norwood, Massachusetts.
ADI phục vụ một loạt các ngành công nghiệp, bao gồm hàng không vũ trụ và quốc phòng, ô tô, truyền thông, người tiêu dùng, công nghiệp, y tế, và kiểm tra và đo lường.
Danh mục sản phẩm của công ty bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, ICS quản lý năng lượng, bộ vi điều khiển, cảm biến và tần số vô tuyến (RF) và các thành phần vi sóng, trong số các thành phần khác.
ADI dành riêng cho sự đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp cho khách hàng của mình các giải pháp chất lượng cao, đáng tin cậy để đáp ứng nhu cầu của họ.
Tập trung vào hiệu quả năng lượng và tính bền vững, ADI là một nhà lãnh đạo trong ngành công nghiệp IC tương tự và tương tự, thúc đẩy những tiến bộ công nghệ và cung cấp các giải pháp sáng tạo cho các vấn đề thách thức nhất thế giới.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com