công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VCXH16240 bảng dữ liệu (PDF) - Fairchild Semiconductor

74VCXH16240 Datasheet PDF - Fairchild Semiconductor
tên linh kiện 74VCXH16240
tải về  74VCXH16240 tải về

kích thước tập tin   76.95 Kbytes
Page   7 Pages
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Giải thích chi tiết về linh kiện Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold

74VCXH16240 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
74VCXH16240 Datasheet PDF - Fairchild Semiconductor

tên linh kiện 74VCXH16240
tải về  74VCXH16240 Click to download

kích thước tập tin   76.95 Kbytes
Page   7 Pages
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Giải thích chi tiết về linh kiện Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold

74VCXH16240 bảng dữ liệu (HTML) - Fairchild Semiconductor

74VCXH16240 Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH16240 Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH16240 Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH16240 Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH16240 Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH16240 Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH16240 Datasheet HTML 7Page - Fairchild Semiconductor

74VCXH16240 Thông tin chi tiết sản phẩm

General Description
The VCXH16240 contains sixteen inverting buffers with 3-STATE outputs to be employed as a memory and address driver, clock driver, or bus oriented transmitter/receiver. The device is nibble (4-bit) controlled. Each nibble has separate 3-STATE control inputs which can be shorted together for full 16-bit operation.
The VCXH16240 data inputs include active bushold circuitry, eliminating the need for external pull-up resistors to hold unused or floating inputs at a valid logic level.
The 74VCXH16240 is designed for low voltage (1.65V to 3.6V) VCC applications with output capability up to 3.6V.
The 74VCXH16240 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining low CMOS power dissipation.

Features
■ 1.65V–3.6V VCC supply operation
■ 3.6V tolerant control inputs and outputs
■ Bushold on data inputs eliminates the need for external
   pull-up/pull-down resistors
■ tPD
   2.5 ns max for 3.0V to 3.6V VCC
   3.0 ns max for 2.3V to 2.7V VCC
   6.0 ns max for 1.65V to 1.95V VCC
■ Static Drive (IOH/IOL)
   ±24 mA @ 3.0V VCC
   ±18 mA @ 2.3V VCC
   ±6 mA @ 1.65V VCC
■ Uses patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 300 mA
■ ESD performance:
   000V
  




Số phần tương tự - 74VCXH16240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240DT ONSEMI-74VCXH16240DT Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240DTR ONSEMI-74VCXH16240DTR Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
More results


Mô tả tương tự - 74VCXH16240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ALVCH16240 FAIRCHILD-74ALVCH16240 Datasheet
85Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
74LCXH16244 FAIRCHILD-74LCXH16244_05 Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74LCXH16244 FAIRCHILD-74LCXH16244 Datasheet
93Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74VCXH16244 FAIRCHILD-74VCXH16244 Datasheet
159Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
logo
ON Semiconductor
74LCX16240 ONSEMI-74LCX16240 Datasheet
213Kb / 10P
   Low Voltage 16-Bit Inverting Buffer/Line Driver
Revised May 2005
logo
Fairchild Semiconductor
74ALVCH162240 FAIRCHILD-74ALVCH162240 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74VCXH162240 FAIRCHILD-74VCXH162240 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
logo
Toshiba Semiconductor
TC74VCXH16244FT TOSHIBA-TC74VCXH16244FT_07 Datasheet
205Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH162244FT TOSHIBA-TC74VCXH162244FT Datasheet
211Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
More results




Giới thiệu về Fairchild Semiconductor


Chất bán dẫn Fairchild là một công ty bán dẫn tiên phong được thành lập vào cuối những năm 1950.
Công ty được biết đến với sự đổi mới trong việc phát triển bóng bán dẫn thương mại đầu tiên và vì những đóng góp của nó cho sự tiến bộ của công nghệ mạch tích hợp.
Fairchild trở thành nhà cung cấp hàng đầu các chất bán dẫn, các mạch tích hợp tín hiệu tương tự và hỗn hợp và các sản phẩm bán dẫn khác.
Công ty đã được mua lại bởi chất bán dẫn vào năm 2016 và các sản phẩm và công nghệ của họ tiếp tục được phát triển và bán dưới thương hiệu bán dẫn trên.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com