công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST29LF010-250-4I-PH bảng dữ liệu (PDF) - Silicon Storage Technology, Inc

SST29LF010-250-4I-PH Datasheet PDF - Silicon Storage Technology, Inc
tên linh kiện SST29LF010-250-4I-PH
tải về  SST29LF010-250-4I-PH tải về

kích thước tập tin   326.04 Kbytes
Page   26 Pages
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Giải thích chi tiết về linh kiện 2 Mbit (256K x8) Page-Mode EEPROM

SST29LF010-250-4I-PH Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
SST29LF010-250-4I-PH Datasheet PDF - Silicon Storage Technology, Inc

tên linh kiện SST29LF010-250-4I-PH
tải về  SST29LF010-250-4I-PH Click to download

kích thước tập tin   326.04 Kbytes
Page   26 Pages
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Giải thích chi tiết về linh kiện 2 Mbit (256K x8) Page-Mode EEPROM

SST29LF010-250-4I-PH bảng dữ liệu (HTML) - Silicon Storage Technology, Inc

Back Button SST29LF010-250-4I-PH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29LF010-250-4I-PH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29LF010-250-4I-PH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29LF010-250-4I-PH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29LF010-250-4I-PH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29LF010-250-4I-PH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29LF010-250-4I-PH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29LF010-250-4I-PH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29LF010-250-4I-PH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29LF010-250-4I-PH Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button 

SST29LF010-250-4I-PH Thông tin chi tiết sản phẩm

PRODUCT DESCRIPTION
The SST29EE/LE/VE020 are 256K x8 CMOS Page-Write EEPROM manufactured with SST’s proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST29EE/LE/VE020 write with a single power supply. Internal Erase/Program is transparent to the user. The SST29EE/LE/VE020 conform to JEDEC standard pinouts for byte-wide memories.
   
FEATURES:
• Single Voltage Read and Write Operations
    – 5.0V-only for SST29EE020
    – 3.0-3.6V for SST29LE020
    – 2.7-3.6V for SST29VE020
• Superior Reliability
    – Endurance: 100,000 Cycles (typical)
    – Greater than 100 years Data Retention
• Low Power Consumption
    – Active Current: 20 mA (typical) for 5V and
        10 mA (typical) for 3.0/2.7V
    – Standby Current: 10 µA (typical)
• Fast Page-Write Operation
    – 128 Bytes per Page, 2048 Pages
    – Page-Write Cycle: 5 ms (typical)
    – Complete Memory Rewrite: 10 sec (typical)
    – Effective Byte-Write Cycle Time: 39 µs (typical)
• Fast Read Access Time
    – 5.0V-only operation: 120 and 150 ns
    – 3.0-3.6V operation: 200 and 250 ns
    – 2.7-3.6V operation: 200 and 250 ns
• Latched Address and Data
• Automatic Write Timing
    – Internal VPP Generation
• End of Write Detection
    – Toggle Bit
    – Data# Polling
• Hardware and Software Data Protection
• Product Identification can be accessed via
    Software Operation
• TTL I/O Compatibility
• JEDEC Standard
    – Flash EEPROM Pinouts and command sets
• Packages Available
    – 32-lead PLCC
    – 32-lead TSOP (8mm x 14mm, 8mm x 20mm)
    – 32-pin PDIP
   




Số phần tương tự - SST29LF010-250-4I-PH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29LE010 SST-SST29LE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29LE010-120-3C-E SST-SST29LE010-120-3C-E Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010-120-3C-EH SST-SST29LE010-120-3C-EH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
More results


Mô tả tương tự - SST29LF010-250-4I-PH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Macronix International
MX27C4111 MCNIX-MX27C4111 Datasheet
522Kb / 15P
   4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
logo
Silicon Storage Technol...
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
More results




Giới thiệu về Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) là một công ty công nghệ Mỹ chuyên về thiết kế và sản xuất các giải pháp bộ nhớ không bay hơi, bao gồm bộ nhớ flash và vi điều khiển.
Công ty được thành lập vào năm 1991 và có trụ sở tại Sunnyvale, California.
SST được biết đến với công nghệ sáng tạo và các sản phẩm chất lượng cao, và nó có danh tiếng mạnh mẽ trong ngành công nghiệp bộ nhớ và lưu trữ.
Năm 2010, SST đã được Microchip Technology Inc., nhà cung cấp hàng đầu về vi điều khiển và chất bán dẫn tương tự.
Ngày nay, SST hoạt động như một công ty con của vi mạch và tiếp tục cung cấp các giải pháp bộ nhớ không bay hơi cho nhiều ứng dụng.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com