công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BD9267KUT bảng dữ liệu (PDF) - Rohm

BD9267KUT Datasheet PDF - Rohm
tên linh kiện BD9267KUT
tải về  BD9267KUT tải về

kích thước tập tin   967.97 Kbytes
Page   31 Pages
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm
Giải thích chi tiết về linh kiện White LED Diver for Backlight of Medium/Large-sized LCDs

BD9267KUT Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
BD9267KUT Datasheet PDF - Rohm

tên linh kiện BD9267KUT
tải về  BD9267KUT Click to download

kích thước tập tin   967.97 Kbytes
Page   31 Pages
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm
Giải thích chi tiết về linh kiện White LED Diver for Backlight of Medium/Large-sized LCDs

BD9267KUT bảng dữ liệu (HTML) - Rohm

Back Button BD9267KUT Datasheet HTML 1Page - Rohm BD9267KUT Datasheet HTML 2Page - Rohm BD9267KUT Datasheet HTML 3Page - Rohm BD9267KUT Datasheet HTML 4Page - Rohm BD9267KUT Datasheet HTML 5Page - Rohm BD9267KUT Datasheet HTML 6Page - Rohm BD9267KUT Datasheet HTML 7Page - Rohm BD9267KUT Datasheet HTML 8Page - Rohm BD9267KUT Datasheet HTML 9Page - Rohm BD9267KUT Datasheet HTML 10Page - Rohm Next Button 

BD9267KUT Thông tin chi tiết sản phẩm

●General Description

BD9267KUT is a white LED diver used on backlight of Medium/Large-sized LCDs. This IC can achieve dimming function by SPI control. And through the SPI correspondence, it can set the ON/OFF of each switch, analog dimming and etc. The signals of PWM dimming can set the frequency, ON time and delay of PWM by inputting the external signals to the register. BD9267KUT has equipped several protection functions to deal with the abnormal states, including LED OPEN protection, LED SHORT protection, external current setting resistance SHORT protection, external MOS transistor SHORT protection, etc. So it can be used in a wide output voltage range and various load conditions.



●Features

■ 16-ch constant current driver (external FET(NMOS)is equipped.)

■ LED voltage can be set externally.

■ PWM dimming and Analogue dimming can be controlled by SPI.

■ LED Abnormal operation detection circuit (OPEN protection/ SHORT protection) is equipped.

■ LED SHORT protection detection voltage is adjustable (LSP terminal)

■ LED SHORT protection detection CH

■ FAIL INDICATION function is equipped by ERR_DET terminal.

■ 3 lines serial interface

■ Package: TQFP64U



●Key Specifications

■ VCC power supply range: 9.0V~35.0V

■ DVDD power supply range: 3.0V~3.6V

■ CLK frequency setting range : 100~10000kHz

■ Operating Circuit current range: 2.4mA(typ.)

■ Operating temperature range: -40℃~+85℃



●Applications

TV、 PC display

Other LCD backlight




Số phần tương tự - BD9267KUT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD9202EFS ROHM-BD9202EFS Datasheet
520Kb / 20P
   White backlight LED drivers for medium to large LCD panels (SWREG type)
BD9203EFV ROHM-BD9203EFV Datasheet
190Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9204F ROHM-BD9204F Datasheet
187Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9206EFV ROHM-BD9206EFV Datasheet
416Kb / 13P
   Simple Structure Constant Current Backlight Driver for LCD panels (Non-step type)
BD9206EFV-E2 ROHM-BD9206EFV-E2 Datasheet
1Mb / 21P
   Simple Structure Constant Current Backlight Driver for LCD panels
More results


Mô tả tương tự - BD9267KUT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD9271KUT ROHM-BD9271KUT Datasheet
1Mb / 38P
   White LED Diver for Backlight of Medium/Large-sized LCDs
BD9470AFM ROHM-BD9470AFM Datasheet
1Mb / 38P
   White LED driver for medium sized and large sized LCD back light
19.Oct.2013 Rev.003
BD9470AEFV ROHM-BD9470AEFV Datasheet
1Mb / 39P
   White LED driver for medium sized and large sized LCD back light
BD9488F ROHM-BD9488F Datasheet
1Mb / 39P
   Boost 1channel white LED driver For large LCDs
BD8119FM-M ROHM-BD8119FM-M_14 Datasheet
2Mb / 31P
   White Backlight LED Driver For Medium to Large LCD Panels
BD9285F ROHM-BD9285F Datasheet
1Mb / 39P
   Boost 1channel white LED driver For large LCDs
BD9488F ROHM-BD9488F_14 Datasheet
1Mb / 42P
   Boost 1channel white LED driver For large LCDs
logo
Allegro MicroSystems
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
A8504 ALLEGRO-A8504 Datasheet
556Kb / 18P
   WLED/RGB Backlight Driver for Medium Size LCDs
logo
Rohm
BD9202EFS ROHM-BD9202EFS Datasheet
520Kb / 20P
   White backlight LED drivers for medium to large LCD panels (SWREG type)
More results




Giới thiệu về Rohm


Rohm Semiconductor là một công ty bán dẫn Nhật Bản được thành lập vào năm 1958.

Công ty chuyên thiết kế và sản xuất một loạt các sản phẩm bao gồm quản lý năng lượng, thiết bị năng lượng, và các mạch tích hợp tín hiệu tương tự và hỗn hợp.

Các sản phẩm của Rohm được sử dụng trong các ứng dụng khác nhau như điện tử tiêu dùng, ô tô, công nghiệp và viễn thông.

Công ty được biết đến với sự tập trung vào các công nghệ tiết kiệm năng lượng và chuyên môn về thiết kế năng lượng thấp.

RoHM có hoạt động tại hơn 20 quốc gia và là một trong những công ty bán dẫn lớn nhất thế giới.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com