nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
Molex Electronics Ltd. |
0743232233
|
133Kb / 3P |
MicroCross DVI-I Integrated Digital/Analog High Volume Plug Connector Subassembly
|
0743232062
|
221Kb / 4P |
MicroCross DVI Analog, Single Link, High Volume Plug Connector Sub- assembly, ESD Type, Vertical, 0.76um
|
0743232131
|
445Kb / 5P |
MicroCross??DVI-I Integrated Digital/Analog Single Channel High Volume PlugConnector Sub-assembly, for PCB Mount, Vertical, Gold (Au) Flash, 23 Circuits, Lead
|
0743232011
|
224Kb / 4P |
MicroCross??DVI Analog, High Volume Plug Connector Sub-assembly, Vertical, GoldAu) Flash, 17 Circuits, Lead Free
|
0887419400
|
101Kb / 2P |
MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-I-Analog/Digital Receptacle to DVI Digital Plug
|
0887419100
|
145Kb / 4P |
MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-I-Analog/Digital Receptacle to VGA Plug
|
0887418200
|
178Kb / 3P |
MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to DVI-Analog, 2.0m (6.56) Length
|
0887418210
|
178Kb / 3P |
MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to DVI-Analog, 3.0m (9.84) Length
|
0887418220
|
177Kb / 3P |
MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to DVI-Analog, 5.0m (16.40) Length
|
0743232111
|
453Kb / 5P |
MicroCross??DVI Analog, High Volume Plug Connector Sub-assembly, for PCBMount, Vertical, Gold (Au) Flash, 23 Circuits, Lead Free
|