công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST29LE010A-90-4C-W bảng dữ liệu (PDF) - Silicon Storage Technology, Inc

SST29LE010A-90-4C-W Datasheet PDF - Silicon Storage Technology, Inc
tên linh kiện SST29LE010A-90-4C-W
tải về  SST29LE010A-90-4C-W tải về

kích thước tập tin   256.33 Kbytes
Page   26 Pages
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Giải thích chi tiết về linh kiện 1 Megabit (128K x 8) Page Mode EEPROM

SST29LE010A-90-4C-W Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
SST29LE010A-90-4C-W Datasheet PDF - Silicon Storage Technology, Inc

tên linh kiện SST29LE010A-90-4C-W
tải về  SST29LE010A-90-4C-W Click to download

kích thước tập tin   256.33 Kbytes
Page   26 Pages
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Giải thích chi tiết về linh kiện 1 Megabit (128K x 8) Page Mode EEPROM

SST29LE010A-90-4C-W bảng dữ liệu (HTML) - Silicon Storage Technology, Inc

Back Button SST29LE010A-90-4C-W Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29LE010A-90-4C-W Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29LE010A-90-4C-W Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29LE010A-90-4C-W Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29LE010A-90-4C-W Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29LE010A-90-4C-W Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29LE010A-90-4C-W Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29LE010A-90-4C-W Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29LE010A-90-4C-W Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29LE010A-90-4C-W Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button 

SST29LE010A-90-4C-W Thông tin chi tiết sản phẩm

PRODUCT DESCRIPTION
The SST29EE010A/29LE010A/29VE010A are 128K x 8 CMOS Page Write EEPROMs manufactured with SST’s proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST29EE010A/29LE010A/29VE010A write with a single power supply. Internal Erase/Program is transparent to the user. The SST29EE010A/29LE010A/29VE010A conform to JEDEC standard pinouts for bytewide memories.

FEATURES:
• Single Voltage Read and Write Operations
    – 5.0V-only for the SST29EE010A
    – 3.0-3.6V for the SST29LE010A
    – 2.7-3.6V for the SST29VE010A
• Superior Reliability
    – Endurance: 100,000 Cycles (typical)
    – Greater than 100 years Data Retention
• Low Power Consumption
    – Active Current: 20 mA (typical) for 5V and 10 mA (typical) for 3.0/2.7V
    – Standby Current: 10 µA (typical)
• Fast Page Write Operation
    – 128 Bytes per Page, 1024 Pages
    – Page Write Cycle: 5 ms (typical)
    – Complete Memory Rewrite: 5 sec (typical)
    – Effective Byte Write Cycle Time: 39 µs (typical)
• Fast Read Access Time
    – 5.0V-only operation: 90 and 120 ns
    – 3.0-3.6V operation: 150 and 200 ns
    – 2.7-3.6V operation: 200 and 250 ns
• Latched Address and Data
• Automatic Write Timing
    – Internal VPP Generation
• End of Write Detection
    – Toggle Bit
    – Data# Polling
• Hardware and Software Data Protection
• TTL I/O Compatibility
• JEDEC Standard
    – Flash EEPROM Pinouts and command sets
• Packages Available
    – 32 Pin PDIP
    – 32-Pin PLCC
    – 32-Pin TSOP (8mm x 20mm & 8mm x 14mm)




Số phần tương tự - SST29LE010A-90-4C-W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29LE010 SST-SST29LE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29LE010-120-3C-E SST-SST29LE010-120-3C-E Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010-120-3C-EH SST-SST29LE010-120-3C-EH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
More results


Mô tả tương tự - SST29LE010A-90-4C-W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
More results




Giới thiệu về Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) là một công ty công nghệ Mỹ chuyên về thiết kế và sản xuất các giải pháp bộ nhớ không bay hơi, bao gồm bộ nhớ flash và vi điều khiển.
Công ty được thành lập vào năm 1991 và có trụ sở tại Sunnyvale, California.
SST được biết đến với công nghệ sáng tạo và các sản phẩm chất lượng cao, và nó có danh tiếng mạnh mẽ trong ngành công nghiệp bộ nhớ và lưu trữ.
Năm 2010, SST đã được Microchip Technology Inc., nhà cung cấp hàng đầu về vi điều khiển và chất bán dẫn tương tự.
Ngày nay, SST hoạt động như một công ty con của vi mạch và tiếp tục cung cấp các giải pháp bộ nhớ không bay hơi cho nhiều ứng dụng.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com