công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF15ABPT bảng dữ liệu (PDF) - STMicroelectronics

LF15ABPT Datasheet PDF - STMicroelectronics
tên linh kiện LF15ABPT
tải về  LF15ABPT tải về

kích thước tập tin   1016.35 Kbytes
Page   45 Pages
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Giải thích chi tiết về linh kiện Very low drop voltage regulators with inhibit

LF15ABPT Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
LF15ABPT Datasheet PDF - STMicroelectronics

tên linh kiện LF15ABPT
tải về  LF15ABPT Click to download

kích thước tập tin   1016.35 Kbytes
Page   45 Pages
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Giải thích chi tiết về linh kiện Very low drop voltage regulators with inhibit

LF15ABPT bảng dữ liệu (HTML) - STMicroelectronics

Back Button LF15ABPT Datasheet HTML 1Page - STMicroelectronics LF15ABPT Datasheet HTML 2Page - STMicroelectronics LF15ABPT Datasheet HTML 3Page - STMicroelectronics LF15ABPT Datasheet HTML 4Page - STMicroelectronics LF15ABPT Datasheet HTML 5Page - STMicroelectronics LF15ABPT Datasheet HTML 6Page - STMicroelectronics LF15ABPT Datasheet HTML 7Page - STMicroelectronics LF15ABPT Datasheet HTML 8Page - STMicroelectronics LF15ABPT Datasheet HTML 9Page - STMicroelectronics LF15ABPT Datasheet HTML 10Page - STMicroelectronics Next Button 

LF15ABPT Thông tin chi tiết sản phẩm

Description

The LFxxAB/LFxxC are very Low Drop regulators available in PENTAWATT, TO-220, TO-220FP, DPAK and PPAK package and in a wide range of output voltages.

The very low drop voltage (0.45 V) and the very low quiescent current make them particularly suitable for low noise, low power applications and specially in battery powered systems. In the 5 pins configuration (PENTAWATT and PPAK) a Shutdown Logic Control function is available (pin 2, TTL compatible). This means that when the device is used as a local regulator, it is possible to put a part of the board in standby, decreasing the total power consumption. In the three terminal configuration the device has the same electrical performance, but is fixed in the ON state.



Features

■ Very low dropout voltage (0.45V)

■ Very low quiescent current (typ. 50 µA in OFF mode, 500 µA in ON mode)

■ Output current up to 500 mA

■ Logic-controlled electronic shutdown

■ Output voltages of 1.5; 1.8; 2.5; 3.3; 4.7; 5; 6; 8; 8.5; 9; 12V

■ Automotive Grade product: 1.8V, 2.5V, 3.3V, 5.0V, 8.0V, 8.5V VOUT in DPAK and PPAK packages

■ Internal current and thermal limit

■ Only 2.2 µF for stability

■ Available in ± 1% (AB) or ± 2% (C) selection at 25°C

■ Supply voltage rejection: 80db (typ.)

■ Temperature range: -40 to 125 °C



 




Số phần tương tự - LF15ABPT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
LF15ABPT STMICROELECTRONICS-LF15ABPT Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF15ABPT STMICROELECTRONICS-LF15ABPT Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF15ABPT STMICROELECTRONICS-LF15ABPT Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
LF15ABPT STMICROELECTRONICS-LF15ABPT Datasheet
1Mb / 49P
   Very low drop voltage regulators with inhibit
LF15ABPT-TR STMICROELECTRONICS-LF15ABPT-TR Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
More results


Mô tả tương tự - LF15ABPT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
   Very low drop voltage regulators with inhibit
July 2008 Rev 12
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
   Very low drop voltage regulators with inhibit
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
LD2981 STMICROELECTRONICS-LD2981 Datasheet
414Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LE00AB STMICROELECTRONICS-LE00AB Datasheet
207Kb / 27P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
More results




Giới thiệu về STMicroelectronics


STMicroelectronics là một nhà sản xuất điện tử và bán dẫn đa quốc gia có trụ sở tại Geneva, Thụy Sĩ.

Công ty cung cấp một loạt các sản phẩm bao gồm vi điều khiển, cảm biến, bộ khuếch đại công suất và mạch tích hợp cho các ứng dụng khác nhau trong thị trường ô tô, công nghiệp và tiêu dùng.

Được thành lập vào năm 1987, STMicroelectronics có hoạt động tại hơn 100 quốc gia và là một trong những công ty bán dẫn lớn nhất thế giới.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com