công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TXV0108QWRGYRQ1 bảng dữ liệu (PDF) - Texas Instruments

TXV0108QWRGYRQ1 Datasheet PDF - Texas Instruments
tên linh kiện TXV0108QWRGYRQ1
tải về  TXV0108QWRGYRQ1 tải về
kích thước tập tin   2259.54 Kbytes
Page   31 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer

TXV0108QWRGYRQ1 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TXV0108QWRGYRQ1 Datasheet PDF - Texas Instruments

tên linh kiện TXV0108QWRGYRQ1
tải về  TXV0108QWRGYRQ1 Click to download

kích thước tập tin   2259.54 Kbytes
Page   31 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer

TXV0108QWRGYRQ1 bảng dữ liệu (HTML) - Texas Instruments


TXV0108QWRGYRQ1 Thông tin chi tiết sản phẩm

1 Features
• Supports up to 500-Mbps for 1.65 V to 3.6 V
• AEC-Q100 qualified for automotive applications
• Meets RGMII 2.0 timing specifications:
– < 750 ps rise and fall time
– < ± 5 % duty cycle distortion
– < ± 400 ps channel to channel skew
– Up to 250Mbps/channel
• Integrated 10 Ω damping output resistor to
minimize signal reflections
• High drive strength (up to 12 mA at 3.6 V)
• Fully configurable symmetric dual-rail design
• Optimal signal integrity performance with 390ps
peak-to-peak jitter for 1.8 V to 3.3 V
• Features VCC isolation and VCC disconnect
• Ioff supports partial-power-down mode operation
• Latch-up performance exceeds 100 mA per JESD
78, Class II
• ESD protection exceeds JESD 22:
– 2000-V Human-Body Model
– 1000-V Charged-Device Model
• Low power consumption:
– 10-μA maximum (25°C)
– 20-μA maximum (–40°C to 125°C)
• Operating temperature from –40°C to +125°C
• Pin compatible with SN74AVC8T245 (VQFN)
• Available in wettable flank VQFN (RGY) Package

2 Applications
• Medium or short range radar
• ADAS domain controller
• HVAC controller design
• Machine vision camera
• Rack server motherboard
• IP telephone

3 Description
The TXV0108-Q1 is a 8-bit, dual-supply direction
controlled low-skew, low-jitter voltage translation
device. This device can be used for redriving, voltage
translation and power isolation when implementing
skew sensitive interface, such as RGMII between
Ethernet MAC and PHY devices. The Ax I/O pins and
control pins (DIR, OE) are referenced to VCCA logic
levels, and Bx I/O pins are referenced to VCCB logic
levels. This device has improved channel-to-channel
skew, duty cycle distortion and symmetric rise and fall
time for applications requiring strict timing conditions.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, thus preventing damaging current backflow
through the device when it is powered down.
The VCC isolation feature is designed so that if either
VCC supply is at or near 0 V both ports will switch to
a high-impedance state. This feature enables power
isolation for communications across multiple MACs
and PHYs, and is beneficial in situations where MACs
and PHYs are powered up asynchronously preventing
current backflow between devices.
A High on DIR allows data transmission from A to
B while a Low on DIR allows data transmission from
B to A when OE is set to Low. When OE is set to
High, both Ax and Bx pins will be forced into a highimpedance
state. See Device Functional Modes for a
summary of the operation of the control logic.




Số phần tương tự - TXV0108QWRGYRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TXV0108 TI1-TXV0108 Datasheet
2Mb / 30P
TXV0108 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
1Mb / 25P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
JULY 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
2Mb / 30P
TXV0108 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
DECEMBER 2023
TXV0108RGYR TI1-TXV0108RGYR Datasheet
2Mb / 30P
TXV0108 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
DECEMBER 2023
More results


Mô tả tương tự - TXV0108QWRGYRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
Silicon Laboratories
SI5330A-A00200-GM SILABS-SI5330A-A00200-GM Datasheet
158Kb / 20P
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
8-Bit Bidirectional Low-Voltage Translator
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Texas Instruments
TXV0106-Q1 TI1-TXV0106-Q1 Datasheet
1Mb / 24P
TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
AUGUST 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
1Mb / 25P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
JULY 2023
TXV0106-Q1 TI1-TXV0106-Q1_V01 Datasheet
1Mb / 31P
TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0106 TI1-TXV0106 Datasheet
1Mb / 30P
TXV0106 6-Bit Fix Direction Low Skew, Low-Jitter Voltage Translator or Buffer
DECEMBER 2023
TXV0108 TI1-TXV0108 Datasheet
2Mb / 30P
TXV0108 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
DECEMBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com