công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPSM843B22 bảng dữ liệu (PDF) - Texas Instruments

TPSM843B22 Datasheet PDF - Texas Instruments
tên linh kiện TPSM843B22_V01
tải về  TPSM843B22 tải về

kích thước tập tin   2628.04 Kbytes
Page   40 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TPSM843B22 4-V to 18-V Input, 20-A, Buck Power Module with Internally Compensated, Advanced Current Mode Control

TPSM843B22 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TPSM843B22 Datasheet PDF - Texas Instruments

tên linh kiện TPSM843B22_V01
tải về  TPSM843B22 Click to download

kích thước tập tin   2628.04 Kbytes
Page   40 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TPSM843B22 4-V to 18-V Input, 20-A, Buck Power Module with Internally Compensated, Advanced Current Mode Control

TPSM843B22 bảng dữ liệu (HTML) - Texas Instruments

Back Button TPSM843B22_V01 Datasheet HTML 1Page - Texas Instruments TPSM843B22_V01 Datasheet HTML 2Page - Texas Instruments TPSM843B22_V01 Datasheet HTML 3Page - Texas Instruments TPSM843B22_V01 Datasheet HTML 4Page - Texas Instruments TPSM843B22_V01 Datasheet HTML 5Page - Texas Instruments TPSM843B22_V01 Datasheet HTML 6Page - Texas Instruments TPSM843B22_V01 Datasheet HTML 7Page - Texas Instruments TPSM843B22_V01 Datasheet HTML 8Page - Texas Instruments TPSM843B22_V01 Datasheet HTML 9Page - Texas Instruments TPSM843B22_V01 Datasheet HTML 10Page - Texas Instruments Next Button 

TPSM843B22 Thông tin chi tiết sản phẩm

1 Features
• Fixed-frequency, internally compensated advanced
current mode (ACM) control
• Integrated 6.5-mΩ and 2-mΩ MOSFETs, Inductor
and basic passives
• 4-V to 18-V input voltage range
• 0.5-V to 7-V output voltage range
• True differential remote sense amplifier (RSA)
• Three selectable PWM ramp options to optimize
the control loop performance
• Five selectable switching frequencies: 500 kHz,
750 kHz, 1 MHz, 1.5 MHz, and 2.2 MHz
• Synchronizable to an external clock
• 0.5 V, ±0.5% voltage reference accuracy over full
temperature range
• 1-ms, 2-ms, 4-ms, and 8-ms selectable soft-start
times
• Monotonic start-up into prebiased outputs
• Enable with adjustable input undervoltage lockout
• Power-good output monitor
• Output overvoltage, output undervoltage, input
undervoltage, overcurrent, and overtemperature
protection
• –40°C to 125°C operating junction temperature
• 6.5-mm × 7.5-mm × 4.0-mm, 25-pin over-molded
QFN package
• Lead-free (RoHS compliant)
• Pin compatible with the 16 A - TPSM843A26 and
12 A - TPSM843A22

2 Applications
• Wireless and wired communications infrastructure
equipment
• Optical and fiber networks
• Test and measurement
• Medical and healthcare

3 Description
The TPSM843B22 is a high-efficiency 18-V, 20-A
synchronous buck module employing an internally
compensated, fixed-frequency advanced current
mode (ACM) control architecture, which while always
operating under FCCM, generates output voltages
from 0.5 V to 7 V. The module is capable of
providing high efficiency while operating at a switching
frequency up to 2.2 MHz. The module is in a 6.5-mm
x 7.5-mm x 4-mm over-molded package, which makes
it optimal for designs requiring a small solution size.
Additional features include a high accuracy voltage
reference, selectable soft-start times, monotonic startup
into prebiased outputs, selectable current limits,
adjustable UVLO through the EN pin, and a full suite
of fault protections.




Số phần tương tự - TPSM843B22_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPSM843B22E TI1-TPSM843B22E Datasheet
2Mb / 40P
[Old version datasheet]   TPSM843B22E 4-V to 18-V Input, 20-A, Buck Power Module with Advanced Current Mode Control and Extended Temperature
AUGUST 2023
TPSM843B22RDGR-ET TI1-TPSM843B22RDGR-ET Datasheet
2Mb / 40P
[Old version datasheet]   TPSM843B22E 4-V to 18-V Input, 20-A, Buck Power Module with Advanced Current Mode Control and Extended Temperature
AUGUST 2023
More results


Mô tả tương tự - TPSM843B22_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPSM843B22 TI-TPSM843B22 Datasheet
2Mb / 40P
[Old version datasheet]   TPSM843B22 4-V to 18-V Input, 20-A, Buck Power Module with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPSM843A26 TI1-TPSM843A26_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TPSM843A26 4-V to 18-V Input, 16-A, Buck Power Module with Internally Compensated, Advanced Current Mode Control
REVISED JULY 2023
TPSM843A26 TI-TPSM843A26 Datasheet
2Mb / 40P
[Old version datasheet]   TPSM843A26 4-V to 18-V Input, 16-A, Buck Power Module with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPSM843A22 TI1-TPSM843A22 Datasheet
2Mb / 40P
[Old version datasheet]   TPSM843A22 4-V to 18-V Input, 12-A, Buck Power Module with Internally Compensated, Advanced Current Mode Control
JUNE 2023
TPSM843B22E TI1-TPSM843B22E Datasheet
2Mb / 40P
[Old version datasheet]   TPSM843B22E 4-V to 18-V Input, 20-A, Buck Power Module with Advanced Current Mode Control and Extended Temperature
AUGUST 2023
TPS543B22 TI-TPS543B22 Datasheet
779Kb / 8P
[Old version datasheet]   TPS543B22 4-V to 18-V Input, 20-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control
AUGUST 2022
TPS543820 TI-TPS543820 Datasheet
2Mb / 45P
[Old version datasheet]   TPS543820 4-V to 18-V Input, 8-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543620 TI-TPS543620 Datasheet
2Mb / 39P
[Old version datasheet]   TPS543620 4-V to 18-V Input, 6-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543320 TI-TPS543320 Datasheet
3Mb / 43P
[Old version datasheet]   TPS543320 4-V to 18-V Input, 3-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543820E TI-TPS543820E Datasheet
2Mb / 43P
[Old version datasheet]   TPS543820E 4-V to 18-V Input, 8-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com