công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74VHC1G05DTT3 bảng dữ liệu (PDF) - E-Tech Electronics LTD

MC74VHC1G05DTT3 Datasheet PDF - E-Tech Electronics LTD
tên linh kiện MC74VHC1G05DTT3
tải về  MC74VHC1G05DTT3 tải về

kích thước tập tin   578.51 Kbytes
Page   4 Pages
nhà sản xuất  ETL [E-Tech Electronics LTD]
Trang chủ  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
Giải thích chi tiết về linh kiện Inverter with Open Drain Output

MC74VHC1G05DTT3 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MC74VHC1G05DTT3 Datasheet PDF - E-Tech Electronics LTD

tên linh kiện MC74VHC1G05DTT3
tải về  MC74VHC1G05DTT3 Click to download

kích thước tập tin   578.51 Kbytes
Page   4 Pages
nhà sản xuất  ETL [E-Tech Electronics LTD]
Trang chủ  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
Giải thích chi tiết về linh kiện Inverter with Open Drain Output

MC74VHC1G05DTT3 bảng dữ liệu (HTML) - E-Tech Electronics LTD

MC74VHC1G05DTT3 Datasheet HTML 1Page - E-Tech Electronics LTD MC74VHC1G05DTT3 Datasheet HTML 2Page - E-Tech Electronics LTD MC74VHC1G05DTT3 Datasheet HTML 3Page - E-Tech Electronics LTD MC74VHC1G05DTT3 Datasheet HTML 4Page - E-Tech Electronics LTD

MC74VHC1G05DTT3 Thông tin chi tiết sản phẩm

Inverter with Open Drain Output

The MC74VHC1G05 is an advanced high speed CMOS inverter with open drain output fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. The internal circuit is composed of three stages, including an open drain output which provides the capability to set output switching level. This allows the MC74VHC1G05 to be used to interface 5 V circuits to circuits of any voltage between V CCand 7 V using an external resistor and power supply.

The MC74VHC1G05 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage.
• High Speed: t PD = 3.8 ns (Typ) at V CC = 5 V
• Low Internal Power Dissipation: I CC = 2 mA (Max) at T A= 25°C
• Power Down Protection Provided on Inputs
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FET = 105; Equivalent Gate = 26




Số phần tương tự - MC74VHC1G05DTT3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHC1G05DTT1 ONSEMI-MC74VHC1G05DTT1 Datasheet
78Kb / 6P
   Single Inverter with Open Drain Output
February, 2007 ??Rev. 14
MC74VHC1G05DTT1G ONSEMI-MC74VHC1G05DTT1G Datasheet
78Kb / 6P
   Single Inverter with Open Drain Output
February, 2007 ??Rev. 14
MC74VHC1G05DTT1G ONSEMI-MC74VHC1G05DTT1G Datasheet
119Kb / 6P
   Single Inverter with Open Drain Output
May, 2011 ??Rev. 15
MC74VHC1G05DTT1G ONSEMI-MC74VHC1G05DTT1G Datasheet
205Kb / 14P
   Single Inverter with Open Drain Output
November, 2018 ??Rev. 16
MC74VHC1G05DTT1G ONSEMI-MC74VHC1G05DTT1G Datasheet
136Kb / 14P
   Single Inverter with Open Drain Output
April, 2022 ??Rev. 18
More results


Mô tả tương tự - MC74VHC1G05DTT3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
74AHC1G06 NXP-74AHC1G06_07 Datasheet
78Kb / 11P
   Inverter with open-drain output
Rev. 06-7 June 2007
74LVC1G06GV.125 NXP-74LVC1G06GV.125 Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT3G06 UTC-U74AHCT3G06_15 Datasheet
146Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
74AHC1G06 PHILIPS-74AHC1G06 Datasheet
66Kb / 16P
   Inverter with open-drain output
2000 May 01
logo
Leshan Radio Company
L74VHC1G05 LRC-L74VHC1G05 Datasheet
242Kb / 6P
   Inverter with Open Drain Output
logo
Unisonic Technologies
U74AHC1G06 UTC-U74AHC1G06 Datasheet
145Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74LVC1G06-Q100 NEXPERIA-74LVC1G06-Q100 Datasheet
187Kb / 13P
   Inverter with open-drain output
More results



Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com