công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100H643 bảng dữ liệu (PDF) - ON Semiconductor

MC100H643 Datasheet PDF - ON Semiconductor
tên linh kiện MC100H643
tải về  MC100H643 tải về

kích thước tập tin   106.85 Kbytes
Page   5 Pages
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Giải thích chi tiết về linh kiện DUAL SUPPLY ECL-TTL 1:8 CLOCK DRIVER

MC100H643 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MC100H643 Datasheet PDF - ON Semiconductor

tên linh kiện MC100H643
tải về  MC100H643 Click to download

kích thước tập tin   106.85 Kbytes
Page   5 Pages
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Giải thích chi tiết về linh kiện DUAL SUPPLY ECL-TTL 1:8 CLOCK DRIVER

MC100H643 bảng dữ liệu (HTML) - ON Semiconductor

MC100H643 Datasheet HTML 1Page - ON Semiconductor MC100H643 Datasheet HTML 2Page - ON Semiconductor MC100H643 Datasheet HTML 3Page - ON Semiconductor MC100H643 Datasheet HTML 4Page - ON Semiconductor MC100H643 Datasheet HTML 5Page - ON Semiconductor

MC100H643 Thông tin chi tiết sản phẩm

Description

The MC10H/100H643 is a dual supply, low skew translating 1:8 clock driver. Devices in the ON Semiconductor H643 translator series utilize the PLCC−28 for optimal power pinning, signal flow through and electrical performance. The dual−supply H643 is similar to the H641, which is a single−supply 1:9 version of the same function. The device features a 48 mA TTL output stage, with AC performance specified into a 50 pF load capacitance. A Latch is provided on−chip. When LEN is LOW (or left open, in which case it is pulled LOW by the internal pulldowns) the latch is transparent. A

HIGH on the enable pin (EN) forces all outputs LOW.

The 10H version is compatible with MECL 10H™ ECL logic levels.

The 100H version is compatible with 100K levels.



Features

• ECL/TTL Version of Popular ECLinPS™ E111

• Low Skew Within Device 0.5 ns

• Guaranteed Skew Spec Part−to−Part 1.0 ns

• Latch

• Differential Internal Design

• VBB Output

• Dual Supply

• Reset/Enable

• Multiple TTL and ECL Power/Ground Pins

• Pb−Free Packages are Available*



 




Số phần tương tự - MC100H643

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100H643 ONSEMI-MC100H643 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC100H643FN ONSEMI-MC100H643FN Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC100H643FNG ONSEMI-MC100H643FNG Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC100H643FNR2 ONSEMI-MC100H643FNR2 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC100H643FNR2G ONSEMI-MC100H643FNR2G Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
More results


Mô tả tương tự - MC100H643

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H643 ONSEMI-MC10H643_06 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643 ONSEMI-MC10H643_16 Datasheet
139Kb / 6P
   Dual Supply ECL to TTL 1:8 Clock Driver
August, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY100HA643 MICREL-SY100HA643_06 Datasheet
88Kb / 5P
   DUAL SUPPLY OCTAL ECL-TO-TTL
SY100HA643 MICREL-SY100HA643 Datasheet
73Kb / 4P
   DUAL SUPPLY OCTAL ECL-TO-TTL
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
   1:9 TTL CLOCK DRIVER
1996 REV 4
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
List of Unclassifed Man...
AZ100LVE310 ETC1-AZ100LVE310 Datasheet
146Kb / 5P
   ECL/PECL 2:8 Differential Clock Driver
logo
Arizona Microtek, Inc
AZ100LVE310 AZM-AZ100LVE310 Datasheet
71Kb / 5P
   ECL/PECL 2:8 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
More results




Giới thiệu về ON Semiconductor


ON Semiconductor là một công ty giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các sản phẩm bán dẫn cho nhiều ứng dụng bao gồm ô tô, điện toán, hàng tiêu dùng, thị trường công nghiệp và truyền thông.
Công ty được thành lập vào năm 1999 và có trụ sở tại Phoenix, Arizona.
Trên chất bán dẫn cung cấp một danh mục rộng lớn về quản lý năng lượng, chất bán dẫn tương tự và rời rạc bao gồm MOSFET, điốt, bộ chỉnh lưu, bộ điều chỉnh điện áp, trong số những người khác.
Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, đáng tin cậy và hiệu quả về chi phí và được sử dụng trong nhiều ứng dụng bao gồm điện tử di động, hệ thống tự động hóa công nghiệp, hệ thống năng lượng tái tạo và điện tử ô tô.
Về chất bán dẫn cam kết đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của khách hàng.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com